Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq771600 Datasheet(PDF) 1 Page - Texas Instruments

Part # bq771600
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq771600 Datasheet(HTML) 1 Page - Texas Instruments

  bq771600 Datasheet HTML 1Page - Texas Instruments bq771600 Datasheet HTML 2Page - Texas Instruments bq771600 Datasheet HTML 3Page - Texas Instruments bq771600 Datasheet HTML 4Page - Texas Instruments bq771600 Datasheet HTML 5Page - Texas Instruments bq771600 Datasheet HTML 6Page - Texas Instruments bq771600 Datasheet HTML 7Page - Texas Instruments bq771600 Datasheet HTML 8Page - Texas Instruments bq771600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
8
7
6
5
VDD
V4
V3
V2
OUT
CD
VSS
V1
bq771600, bq771601, bq771602, bq771604
www.ti.com
SLUSAX0A – DECEMBER 2012 – REVISED SEPTEMBER 2013
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
with External Delay Capacitor
Check for Samples: bq771600, bq771601, bq771602, bq771604
1
FEATURES
APPLICATIONS
2-, 3-, and 4-Series Cell Overvoltage Protection
Power Tools
External Capacitor-Programmed Delay Timer
UPS Battery Backup
Fixed OVP Threshold
Light Electric Vehicles
High-Accuracy Overvoltage Protection:
eBike
±10 mV
eScooter
Low Power Consumption ICC ≈ 1 µA
Pedal Assist Bicycles
(VCELL(ALL) < VPROTECT)
Low Leakage Current Per Cell Input < 100 nA
Small Package Footprint
8-pin QFN (3 mm x 4 mm)
DESCRIPTION
The bq7716xy family of products is an overvoltage monitor and protector for Li-Ion battery pack systems. Each
cell is monitored independently for an overvoltage condition.
In the bq7716xy device, an external delay timer is initiated upon detection of an overvoltage condition on any
cell. Upon expiration of the delay timer, the output is triggered into its active state (either high or low, depending
on the configuration). The external delay timer feature also includes the ability to detect an open or shorted delay
capacitor on the CD pin, which will similarly trigger the output driver in an overvoltage condition.
For quicker production-line testing, the bq7716xy device provides a Customer Test Mode with greatly reduced
delay time.
Figure 1. bq7716xy Pinout
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2012–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - bq771600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI1-BQ771600 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI1-BQ771600 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
BQ771600DPJR TI-BQ771600DPJR Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600DPJR TI1-BQ771600DPJR Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
More results

Similar Description - bq771600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com