Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771802DPJR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771802DPJR
Description  Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771802DPJR Datasheet(HTML) 3 Page - Texas Instruments

  BQ771802DPJR Datasheet HTML 1Page - Texas Instruments BQ771802DPJR Datasheet HTML 2Page - Texas Instruments BQ771802DPJR Datasheet HTML 3Page - Texas Instruments BQ771802DPJR Datasheet HTML 4Page - Texas Instruments BQ771802DPJR Datasheet HTML 5Page - Texas Instruments BQ771802DPJR Datasheet HTML 6Page - Texas Instruments BQ771802DPJR Datasheet HTML 7Page - Texas Instruments BQ771802DPJR Datasheet HTML 8Page - Texas Instruments BQ771802DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
VOV
V
OV –VHYS
OUT (V)
t
DELAY
bq771800, bq771801, bq771802
bq771803, bq771808, bq771809
www.ti.com
SLUSAX1B – DECEMBER 2012 – REVISED OCTOBER 2013
PIN FUNCTIONS
bq7718xy
Pin Name
Type I/O
Description
1
VDD
P
Power supply
2
V5
I
Sense input for positive voltage of the fifth cell from the bottom of the stack
3
V4
I
Sense input for positive voltage of the fourth cell from the bottom of the stack
4
V3
I
Sense input for positive voltage of the third cell from the bottom of the stack
5
V2
I
Sense input for positive voltage of the second cell from the bottom of the stack
6
V1
I
Sense input for positive voltage of the lowest cell in the stack
7
VSS
P
Electrically connected to IC ground and negative terminal of the lowest cell in the stack
8
OUT
O
Output drive for overvoltage fault signal
PIN DETAILS
In the bq7718xy device, each cell is monitored independently. Overvoltage is detected by comparing the actual
cell voltage to a protection voltage reference, VOV. If any cell voltage exceeds the programmed OV value, a timer
circuit is activated. When the timer expires, the OUT terminal goes from inactive to active state.
For NCH Open Drain Active Low configurations, the OUT pin pulls down to VSS when active (OV present) and is
high impedance when inactive (no OV).
Figure 2. Timing for Overvoltage Sensing
Sense Positive Input for Vx
This is an input to sense each single battery cell voltage. A series resistor and a capacitor across the cell for
each input is required for noise filtering and stable voltage monitoring.
Output Drive, OUT
This terminal serves as the fault signal output, and may be ordered in either active HIGH or LOW options.
Supply Input, VDD
This terminal is the unregulated input power source for the IC. A series resistor is connected to limit the current,
and a capacitor is connected to ground for noise filtering.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771808 bq771809


Similar Part No. - BQ771802DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771802DPJR TI-BQ771802DPJR Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJR TI1-BQ771802DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJR TI1-BQ771802DPJR Datasheet
875Kb / 23P
[Old version datasheet]   Internal Delay Timer
BQ771802DPJR TI1-BQ771802DPJR Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJR TI1-BQ771802DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771802DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718 Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
[Old version datasheet]   BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com