Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV4023DC Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616LV4023DC
Description  Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4023DC Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616LV4023DC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 9Page - Brilliance Semiconductor BS616LV4023DC Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Revision 2.0
April 2002
6
Input Pulse Levels
Vcc/0V
Input Rise and Fall Times
5ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL=100pF+1TTL
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC, Vcc=3.0V)
READ CYCLE
AC TEST CONDITIONS
BSI
BS616LV4023
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
R0201-BS616LV4023
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616LV4023-70
MIN. TYP. MAX.
BS616LV4023-10
MIN. TYP. MAX.
UNIT
t
AVAX
Read Cycle Time
t
RC
70
--
--
100
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
100
ns
t
E1LQV
t
ACS1
Chip Select Access Time
--
(CE1)
--
70
--
--
100
ns
t
E2LQV
t
ACS2
Chip Select Access Time
(CE2)
--
--
70
--
--
100
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,UB)
--
--
35
--
--
50
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
50
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
10
(CE1,CE2)
--
--
15
--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z
(LB,UB)
10
--
--
15
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
15
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
(CE1,CE2)
0--
35
0
--
40
ns
t
BDO
t
BDO
Data Byte Control to Output High Z
(LB, UB)
0
--
35
0
--
40
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
35
ns
t
AXOX
t
OH
Output Disable to Address Change
10
--
--
15
--
--
ns
1. tBA is 35ns/50ns (@speed=70ns/100ns) with address toggle .
tBA is 70ns/100ns (@speed=70ns/100ns) without address toggle .
(1)
NOTE :


Similar Part No. - BS616LV4023DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020AC BSI-BS616LV4020AC Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020AI BSI-BS616LV4020AI Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020BC BSI-BS616LV4020BC Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020BI BSI-BS616LV4020BI Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
More results

Similar Description - BS616LV4023DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com