Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD104SLF Datasheet(PDF) 10 Page - AZ Displays

Part # PD104SLF
Description  color TFT LCD module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLF Datasheet(HTML) 10 Page - AZ Displays

Back Button PD104SLF Datasheet HTML 6Page - AZ Displays PD104SLF Datasheet HTML 7Page - AZ Displays PD104SLF Datasheet HTML 8Page - AZ Displays PD104SLF Datasheet HTML 9Page - AZ Displays PD104SLF Datasheet HTML 10Page - AZ Displays PD104SLF Datasheet HTML 11Page - AZ Displays PD104SLF Datasheet HTML 12Page - AZ Displays PD104SLF Datasheet HTML 13Page - AZ Displays PD104SLF Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PD104SLF
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
7-2) Recommended Driving Condition for Back Light
Ta = 25
Parameter
Symbol
Min
TYP
MAX
Unit
Remark
Supply voltage of LED backlight
VLED
-
-
(11)
V
Note 7-1
Supply current of LED backlight
ILED
-
20
-
mA
Note 7-2
Backlight Power Consumption
P
LED
-
-
2.86
W
Note 7-1 / Note 7-3
Note 7-1 : ILED = 20mA (Constant Current).
Note 7-2 : The LED driving condition is defined for each LED module. (3 LED Serial)
Input current = 20mA * 13 = 260mA
Note 7-3 : PLED = VLED-1 * ILED-1 + VLED-2* ILED-2 ….. + VLED-12 * ILED-12+VLED-13 * ILED-13
VLED-1
VLED-12
VLED-2
VLED-13
Anode
Cathode
P-511-509(V:1)


Similar Part No. - PD104SLF

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD104SL3 AZDISPLAYS-PD104SL3 Datasheet
510Kb / 21P
   Color TFT LCD module
PD104SL5 AZDISPLAYS-PD104SL5 Datasheet
544Kb / 22P
   Color TFT LCD module
PD104SL7 AZDISPLAYS-PD104SL7 Datasheet
408Kb / 21P
   TECHNICAL SPECIFICATION
PD104SLG AZDISPLAYS-PD104SLG Datasheet
680Kb / 22P
   color TFT LCD module
More results

Similar Description - PD104SLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com