Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV4011BI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV4011BI
Description  Very Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4011BI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV4011BI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4011BI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 2.4
April 2002
1
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
GND
DQ4
DQ5
DQ6
DQ7
WE
A17
A16
A15
A14
A13
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
GND
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
A12
1
2
3
4
5
7
14
16
18
20
22
43
38
31
29
27
25
23
6
8
9
10
11
12
36
35
34
33
BS616LV4011EC
BS616LV4011EI
13
15
17
19
21
44
42
41
40
39
37
32
30
28
26
24
R0201-BS616LV4011
Very Low Power/Voltage CMOS SRAM
256K X 16 bit
• Very low operation voltage : 2.4 ~ 5.5V
• Very low power consumption :
Vcc = 3.0V
C-grade: 20mA (Max.) operating current
I-grade: 25mA (Max.) operating current
0.25uA (Typ.) CMOS standby current
Vcc = 5.0V
C-grade: 45mA (Max.) operating current
I-grade: 50mA (Max.) operating current
1.5uA (Typ.) CMOS standby current
• High speed access time :
-70
70ns (Max.) at Vcc = 3.0V
-10
100ns (Max.) at Vcc = 3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
The BS616LV4011 is a high performance, very low power CMOS Static
Random Access Memory organized as 262,144 words by 16 bits and
operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 0.25uA and maximum access time of 70/100ns in 3V operation.
Easy
memory
expansion is
provided by active LOW chip
enable(CE), active LOW output enable(OE) and three-state output
drivers.
The BS616LV4011 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV4011 is available in DICE form, JEDEC standard 44-pin
TSOP Type II package and 48-pin BGA package.
DESCRIPTION
FEATURES
Row
Decoder
Memory Array
2048 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A9 A8 A7
Data
Input
Buffer
Control
Gnd
Vcc
OE
DQ0
A15
A1
16
16
16
16
WE
CE
DQ15
A0
A13
A14
A2
14
128
2048
BLOCK DIAGRAM
2048
22
A17
A16
A10
A12
A6
A11
A3
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
BS616LV4011
A4
BSI
POWER DISSIPATION
SPEED
( ns )
STANDBY
( ICCSB1, Max )
Operating
( ICC, Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=
3.0V
Vcc=
3.0V
Vcc=
5.0V
Vcc=
3.0V
Vcc=
5.0V
PKG TYPE
BS616LV4011DC
DICE
BS616LV4011EC
TSOP2-44
BS616LV4011BC
BGA-48-0810
BS616LV4011AC
+0 O C to +70 O C
2.4V ~ 5.5V
70/100
45mA
BGA-48-0608
1.5uA
15uA
20mA
BS616LV4011DI
DICE
BS616LV4011EI
TSOP2-44
BS616LV4011BI
BGA-48-0810
BS616LV4011AI
-40 O C to +85 O C
2.4V ~ 5.5V
70/100
50mA
3uA
50uA
25mA
BGA-48-0608


Similar Part No. - BS616LV4011BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010AC BSI-BS616LV4010AC Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010AI BSI-BS616LV4010AI Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010BC BSI-BS616LV4010BC Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010BI BSI-BS616LV4010BI Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV4011BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4016 BSI-BS616LV4016 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_08 Datasheet
247Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com