Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8013BC Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616LV8013BC
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8013BC Datasheet(HTML) 6 Page - Brilliance Semiconductor

  BS616LV8013BC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8013BC Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Revision 2.0
April 2002
6
R0201-BS616LV8013
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC, Vcc=3V)
WRITE CYCLE
SWITCHING WAVEFORMS (WRITE CYCLE)
BSI
BS616LV8013
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616LV8013-70
MIN. TYP. MAX.
BS616LV8013-10
MIN. TYP. MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
70
--
--
100
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
70
--
--
100
--
--
ns
t
AVWL
t
AS
Address Setup Time
0
----0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
70
--
--
100
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
50
--
--
ns
t
WHAX
t
WR
Write recovery Time
(CE2,CE1,WE)
0
--
--
0
--
--
ns
t
BW
t
BW
Date Byte Control to End of Write
(LB,UB)
30
--
--
40
--
--
ns
t
WLQZ
t
WHZ
Write to Output in High Z
0
--
30
0
--
40
ns
t
DVWH
t
DW
Data to Write Time Overlap
30
--
--
40
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
----0
--
--
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0
--
30
0
--
40
ns
t
WHOX
t
OW
End of Write to Output Active
5--
--
10
--
--
ns
WRITE CYCLE1 (1)
t WR
t WC
(3)
t CW
(10)
t BW
(2)
t WP
t AW
t OHZ
(4)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
CE1
OE
ADDRESS
(5)
CE2
(5)
(5)
LB,UB
(1)
1. tBW is 30ns/40ns (@speed=70ns/100ns) with address toggle. ; tBW is 70ns/100ns (@speed=70ns/100ns) without address toggle.
NOTE :


Similar Part No. - BS616LV8013BC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC BSI-BS616LV8010EC Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-55 BSI-BS616LV8010EC-55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-70 BSI-BS616LV8010EC-70 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010ECG55 BSI-BS616LV8010ECG55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8013BC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8015 BSI-BS616LV8015 Datasheet
204Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com