Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8025BI Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV8025BI
Description  Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8025BI Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616LV8025BI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 9Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 10Page - Brilliance Semiconductor BS616LV8025BI Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Revision 2.4
April 2002
8
BSI
BS616LV8025
R0201-BS616LV8025
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to +70oC, Vcc=5V)
WRITE CYCLE
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616LV8025-55
MIN.
TYP.
MAX.
UNIT
Data Hold from Write Time
Write Cycle Time
t
AVAX
t
E1LWH
t
AVWL
t
WLWH
t
BW
t
DVWH
t
GHQZ
t
WHQX
t
WHDX
t
WLQZ
t
WHAX
t
AVWH
t
WC
t
CW
t
AS
t
AW
t
WP
t
WR
t
BW
t
WHZ
t
DW
t
DH
t
OHZ
t
OW
Chip Select to End of Write
Address Set up Time
Address Valid to End of Write
Write Recovery Time
Write to Output in High Z
Data to Write Time Overlap
Output Disable to Output in High Z
End of Write to Output Active
Data Byte Control to End of Write
25
25
ns
ns
(CE2, CE1, WE)
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write Pulse Width
BS616LV8025-70
MIN.
TYP.
MAX.
30
30
(LB,UB)
WRITE CYCLE1 (1)
SWITCHING WAVEFORMS (WRITE CYCLE)
t WR
t WC
(3)
t CW
(11)
t BW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
CE1
OE
ADDRESS
(5)
CE2
(5)
(5)
LB,UB
70
70
0
70
35
0
30
0
30
0
0
5
55
55
0
55
30
0
25
0
25
0
0
5
1. tBW is 25ns/30ns (@speed=55ns/70ns) with address toggle. ; tBW is 55ns/70ns (@speed=55ns/70ns) without address toggle.
(1)
NOTE :


Similar Part No. - BS616LV8025BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021AC BSI-BS616LV8021AC Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021AI BSI-BS616LV8021AI Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022BC BSI-BS616LV8022BC Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results

Similar Description - BS616LV8025BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com