Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV1620BI Datasheet(PDF) 5 Page - Brilliance Semiconductor

Part # BS616UV1620BI
Description  Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1620BI Datasheet(HTML) 5 Page - Brilliance Semiconductor

  BS616UV1620BI Datasheet HTML 1Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1620BI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Revision 2.2
April 2001
5
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE1
Vcc - 0.2V or CE2
0.2V or
LB
Vcc - 0.2V and UB
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE1
Vcc - 0.2V or CE2
0.2V
VIN
Vcc - 0.2V or VIN
0.2V
--
0.8
15
uA
tCDR
Chip Deselect to Data
Retention Time
0--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC (2)
--
--
ns
DATA RETENTION CHARACTERISTICS ( TA = 0oC to +70oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
BSI
BS616UV1620
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE1
Vcc - 0.2V
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR
1.5V
CE2
0.2V
R0201-BS616UV1620


Similar Part No. - BS616UV1620BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1610 BSI-BS616UV1610 Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610BC BSI-BS616UV1610BC Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610BI BSI-BS616UV1610BI Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610FC BSI-BS616UV1610FC Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610FI BSI-BS616UV1610FI Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
More results

Similar Description - BS616UV1620BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com