Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1500BA03201S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF1500BA03201S
Description  1500 MHz SAW Filter 6 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF1500BA03201S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF1500BA03201S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF1500BA03201S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF1500BA03201S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1500 MHz SAW Filter
6 MHz Bandwidth
Part Number SF1500BA03201S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF1500BA03201S
Rev A
8-Apr-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
1490
1500
1510
MHz
Insertion Loss
-
3.9
6
dB
Passband Ripple (1497-1503 MHz)
-
0.8
2
dB p-p
Phase Ripple (1497-1503 MHz)
-
3
5
deg p-p
Group Delay Deviation (1497-1503 MHz)
-
10
20
ns p-p
Absolute Delay
-
52
-
ns
3 dB bandwidth
2
6
18.5
21
MHz
Lower 3 dB Frequency
2
-
1488.2
1497
MHz
Upper 3 dB Frequency
2
1503
1506.7
-
MHz
30 dB Bandwidth
2
-
40.8
-
MHz
40 dB bandwidth
2
-
48.9
-
MHz
Relative Attenuation (1400-1465 MHz)
38
42
-
dB
Relative Attenuation (1530-1600 MHz)
35
38
-
dB
Input /Output Return Loss at Fc
6
10
-
dB
Source and Load Impedance
50
ohms
Temperature Coefficient of Frequency
-32
ppm/˚C
Ambient Temperature
-
25
-
˚C
Notes:
1. Reference frequency. Computed as mean of the 3 dB frequencies.
2. All dB values are referenced to the insertion loss value.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
100
˚C
Operating Temperature Range
-30
100
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Notes:
Matching components are not required.
Operation is in a 50 ohm single-ended system.
Input
50
Single ended
Output
50
Single ended
2
5
All other pads


Similar Part No. - SF1500BA03201S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1500BA03201S APITECH-SF1500BA03201S Datasheet
163Kb / 3P
   1500 MHz SAW Filter 6 MHz Bandwidth
More results

Similar Description - SF1500BA03201S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1500BA03201S APITECH-SF1500BA03201S Datasheet
163Kb / 3P
   1500 MHz SAW Filter 6 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02656S SPECTRUM-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
logo
API Technologies Corp
SF0044BA01930S APITECH-SF0044BA01930S Datasheet
152Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0044BA01081T APITECH-SF0044BA01081T Datasheet
142Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0869BA02656S APITECH-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
SF0044BA21930T APITECH-SF0044BA21930T Datasheet
142Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0043BA02523T APITECH-SF0043BA02523T Datasheet
228Kb / 3P
   43.75 MHz SAW Filter 6 MHz Bandwidth
SF0038BA01943T APITECH-SF0038BA01943T Datasheet
136Kb / 3P
   38 MHz SAW Filter 6 MHz Bandwidth
SF0115BA03088S APITECH-SF0115BA03088S Datasheet
178Kb / 4P
   115 MHz SAW Filter 6 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0115BA03088S ICST-SF0115BA03088S Datasheet
179Kb / 4P
   115 MHz Filter 6 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com