Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2011DI Datasheet(PDF) 5 Page - Brilliance Semiconductor

Part # BS616UV2011DI
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2011DI Datasheet(HTML) 5 Page - Brilliance Semiconductor

  BS616UV2011DI Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2011DI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R0201-BS616UV2011
Revision 2.5
April 2002
5
NOTES:
1. WE is high for read Cycle.
2. Device is continuously selected when CE = VIL
.
3. Address valid prior to or coincident with CE transition low.
4. OE = VIL
.
5. Transition is measured
500mV from steady state with CL = 5pF as shown in Figure 1B.
The parameter is guaranteed but not 100% tested.
±
BSI
BS616UV2011
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
t RC
t OH
t AA
D
OUT
ADDRESS
t OH
t OH
READ CYCLE3 (1,4)
t RC
t OE
D
OUT
LB,UB
CE
OE
ADDRESS
t CLZ
(5) t
ACS
t CHZ(1,5)
t OHZ (5)
t OLZ
t AA
READ CYCLE2 (1,3,4)
t CLZ
t CHZ
(5)
D
OUT
LB,UB
CE
(5)
t BA
t ACS
t BE
t BDO
t BDO
t BA
t BE


Similar Part No. - BS616UV2011DI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019AC BSI-BS616UV2019AC Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019AC-10 BSI-BS616UV2019AC-10 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2011DI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com