Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2021AI Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616UV2021AI
Description  Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2021AI Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616UV2021AI Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 9Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 10Page - Brilliance Semiconductor BS616UV2021AI Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Revision 2.4
April 2002
8
AC ELECTRICAL CHARACTERISTICS (TA = 0oC to +70oC, Vcc =2.0V )
WRITE CYCLE
SWITCHING WAVEFORMS (WRITE CYCLE)
BSI
BS616UV2021
R0201-BS616UV2021
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616UV2021-70
MIN. TYP. MAX.
BS616UV2021-10
MIN. TYP. MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
70
--
--
100
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
70
--
--
100
--
--
ns
t
AVWL
t
AS
Address Setup Time
0
----0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
70
--
--
100
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
50
--
--
ns
t
WHAX
t
WR
Write recovery Time
(CE2,CE1,WE)
0
----0
--
--
ns
t
BW
t
BW
Date Byte Control to End of Write
(LB,U )
3
B
0
--
--
40
--
--
ns
t
WLQZ
t
WHZ
Write to Output in High Z
0--
30
0
--
40
ns
t
DVWH
t
DW
Data to Write Time Overlap
30
--
--
40
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
----0
--
--
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
40
ns
t
WHOX
t
OW
End of Write to Output Active
5
----
10
----
ns
t WR
WRITE CYCLE1 (1)
t WC
(3)
t CW
(11)
t BW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
CE1
OE
ADDRESS
(5)
CE2
(5)
(5)
LB,UB
1. tBW is 30ns/40ns (@speed=70ns/100ns) with address toggle. ; tBW is 70ns/100ns (@speed=70ns/100ns) without address toggle .
NOTE :
(1)


Similar Part No. - BS616UV2021AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011AC BSI-BS616UV2011AC Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011AI BSI-BS616UV2011AI Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011DC BSI-BS616UV2011DC Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011DI BSI-BS616UV2011DI Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2021AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com