Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN9368 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TN9368
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TN9368 Datasheet(HTML) 1 Page - API Technologies Corp

  TN9368 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.
5/22/09
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+54 dBm (Typ.)
Second Order Two Tone Intercept Point.........+48 dBm (Typ.)
Third Order Two Tone Intercept Point.............+32 dBm (Typ.)
Legend
+25 ºC
Power
Vdc
+15
+15
mA
97
110 Max.
RF AMPLIFIER
MODEL TM9368
Features
!
!
!
!
! High Gain: +24.5 dB Typical
!
!
!
!
! Low Noise Figure: 3.7 dB Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 1200 MHz
10 - 1000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.7
5.5 Max.
VSWR
In
<1.5:1
1.8:1 Max.
Out
<1.5:1
1.8:1 Max.
Reverse
Isolation (dB)
-36
-35 Max.
Power @ 1 dB
Comp. (dBm)
+18.5
+17 Min.
Gain (dB)
24.5
22.5 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Operating Case Temperature ................................. +125 ºC
DC Voltage .......................................................... +19 Volts
Continuous RF Input Power...................................+13 dBm
Short Term RF input Power....100 Milliwatts (1 minute Max.)
Maximum Peak power....................0.5 Watts (3
µsec Max.)
Available as: TM9368, 4 Pin TO-8LP
TN9368, 4 Pin Surface Mount (SM3)
BX9368, Connectorized Housing (H1)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Preliminary
Gain Flatness (dB)
+0.25
+0.7 Max.


Similar Part No. - TN9368

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TN9363 APITECH-TN9363 Datasheet
76Kb / 1P
   RF AMPLIFIER MODEL
TN9366 APITECH-TN9366 Datasheet
81Kb / 1P
   RF AMPLIFIER MODEL
TN9369 APITECH-TN9369 Datasheet
46Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TN9368

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com