Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BX9356 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX9356
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX9356 Datasheet(HTML) 1 Page - API Technologies Corp

  BX9356 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +49 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +43 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +27 dBm (Typ.)
Power
Vdc
+5
+5
mA
80
90 Max.
RF AMPLIFIER
MODEL
TM9356
Features
!
!
!
!
! Medium Gain: 18.8 dB Typical
!
!
!
!
! Low Noise Figure: 3.0 dB Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
500 - 3100 MHz
500 - 3000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.0*
4.0* Max.
VSWR
In
1.6:1
2.0:1 Max.
Out
1.8:1
2.1:1 Max.
Reverse Isolation (dB)
-39
-30 Max.
Power @ 1 dB
Comp. (dBm)
+16.0
+14.5 Min.
Gain (dB)
18.8
17.5 Min.
Specifications
Typical Performance Data
Absolute Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Operating Case Temperature ................................. + 125 ºC
DC Voltage ......................................................... + 10 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Available as:
TM9356, 4 Pin TO-8 (T4)
TN9356, 4 Pin Surface Mount (SM3)
FP9356, 4 Pin Flatpack (FP4)
BX9356, Connectorized Housing (H1)
±0.5
±0.9 Max.
Gain Flatness (dB)
2.0
1.5
1.0
2.0
1.5
1.0
1.5
5.5
3.5
20.0
18.0
16.0
17.0
16.0
15.0
14.0
13.0
- 36
- 38
- 40
- 42
Stop 3100 MHz
Stop 3100 MHz
Stop 3100 MHz
Stop 3100 MHz
Stop 3100 MHz
Stop 3100 MHz
17.0
19.0
Start 500 MHz
Start 500 MHz
Start 500 MHz
Start 500 MHz
Start 500 MHz
Start 500 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
- 34
2.5
4.5
Preliminary
* 1.0 dB higher below 1000 MHz.
11/09/06
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - BX9356

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX9352 APITECH-BX9352 Datasheet
44Kb / 1P
   RF AMPLIFIER MODEL
BX9355 APITECH-BX9355 Datasheet
208Kb / 1P
   RF AMPLIFIER MODEL
BX9359 APITECH-BX9359 Datasheet
76Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BX9356

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com