Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSKD200E10 Datasheet(PDF) 1 Page - Meder Electronic

Part # PSKD200E10
Description  Fast Recovery Epitaxial Diode Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PSKD200E10 Datasheet(HTML) 1 Page - Meder Electronic

  PSKD200E10 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Fast Recovery
PSKD 200E
IFAV
= 312 A
Epitaxial Diode
VRRM
= 800-1200V
(FRED) Module
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
800
800
PSKD 200E/08
1000
1000
PSKD 200E/10
1200
1200
PSKD 200E/12
Symbol Test Conditions
Maximum Ratings
IFAV
TC = 70°C
312
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
3200
A
VR = 0
t = 8.3 ms (60 Hz), sine
3500
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
2900
A
VR = 0
t = 8.3 ms (60 Hz), sine
3200
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
51200
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
50800
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
42000
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
42500
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
3.4
mA
VR = VRRM
TVJ = TVJM
35
mA
VF
IF = 200 A
TVJ = 25°C
1.55
V
trr
TVJ = 25°C
typ. 150
ns
VTO
For power-loss calculations only
0.3
V
rT
TVJ = TVJM
0.75
m
RthJC
per diode; DC current
0.28
K/W
per module
0.14
per diode; DC current
0.38
K/W
RthJH
per module
0.19
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Short recovery time
Low forward voltage drop
Short recovery behaviour
UL registered, E 148688
Applications
Inductive heating and melting
Free wheeling diode in converters
and motor control circuits
Uninterruptible power supplies
(UPS)
Ultrasonic cleaners and welders
Advantages
High reliability circuit operation
Low voltage peaks for reduced
protection circuits
Low noise switching
Low losses
Package, style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSKD200E10

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKD200E POWERSEM-PSKD200E Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSKD200E POWERSEM-PSKD200E Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSKD200E-06 POWERSEM-PSKD200E-06 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSKD200E-12 POWERSEM-PSKD200E-12 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
Meder Electronic
PSKD200E02 MEDER-PSKD200E02 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode Module
More results

Similar Description - PSKD200E10

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSKD75E06 MEDER-PSKD75E06 Datasheet
118Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD100E06 MEDER-PSKD100E06 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD200E06 MEDER-PSKD200E06 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSND50E12 MEDER-PSND50E12 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode Module
logo
Nell Semiconductor Co.,...
NKEF75 NELLSEMI-NKEF75 Datasheet
1Mb / 2P
   FAST RECOVERY EPITAXIAL DIODE MODULE
NKEF450 NELLSEMI-NKEF450 Datasheet
347Kb / 1P
   FAST RECOVERY EPITAXIAL DIODE MODULE
logo
Meder Electronic
PSKD100E12 MEDER-PSKD100E12 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD150E12 MEDER-PSKD150E12 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSMD30E12 MEDER-PSMD30E12 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSMD200E06 MEDER-PSMD200E06 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com