Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMD75E06 Datasheet(PDF) 1 Page - Meder Electronic

Part # PSMD75E06
Description  Fast Recovery Epitaxial Diode Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PSMD75E06 Datasheet(HTML) 1 Page - Meder Electronic

  PSMD75E06 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERSEM GmbH, Walpersdorfer Str. 56
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Fast Recovery
PSMD 75E
IFAV
=
75 A
Epitaxial Diode
VRRM
= 200-600 V
(FRED) Module
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
200
200
PSMD 75E/02
400
400
PSMD 75E/04
600
600
PSMD 75E/06
Symbol Test Conditions
Maximum Ratings
IFAV
TC = 85°C
75
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1400
A
VR = 0
t = 8.3 ms (60 Hz), sine
1540
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1250
A
VR = 0
t = 8.3 ms (60 Hz), sine
1370
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
9800
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
9840
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
7800
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
7780
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
5
Nm
Terminal connection torque
(M5)
5
Nm
Weight
typ.
160
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
250
µA
VR = VRRM
TVJ = TVJM
2.5
mA
VF
IF = 75 A
TVJ = 25°C
1.25
V
trr
TVJ = 25°C, IF = 1A;
-di/dt = 100 A/µs; VR = 30V
typ. 60
ns
VTO
For power-loss calculations only
0.7
V
rT
TVJ = TVJM
1.55
m
RthJC
per diode; DC current
0.85
K/W
per module
0.43
K/W
RthJK
per diode; DC current
1.0
K/W
per module
0.5
K/W
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Short recovery time
Low forward voltage drop
Short recovery behaviour
UL registered, E 148688
Applications
Inductive heating and melting
Free wheeling diode in converters
and motor control circuits
Uninterruptible power supplies
(UPS)
Ultrasonic cleaners and welders
Advantages
High reliability circuit operation
Low voltage peaks for reduced
protection circuits
Low noise switching
Low losses
Package, style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSMD75E06

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSMD75E08 MEDER-PSMD75E08 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode Module
More results

Similar Description - PSMD75E06

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSKD75E06 MEDER-PSKD75E06 Datasheet
118Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD100E06 MEDER-PSKD100E06 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD200E06 MEDER-PSKD200E06 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD200E12 MEDER-PSKD200E12 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSND50E12 MEDER-PSND50E12 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode Module
logo
Nell Semiconductor Co.,...
NKEF75 NELLSEMI-NKEF75 Datasheet
1Mb / 2P
   FAST RECOVERY EPITAXIAL DIODE MODULE
NKEF450 NELLSEMI-NKEF450 Datasheet
347Kb / 1P
   FAST RECOVERY EPITAXIAL DIODE MODULE
logo
Meder Electronic
PSKD100E12 MEDER-PSKD100E12 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSKD150E12 MEDER-PSKD150E12 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSMD30E12 MEDER-PSMD30E12 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode Module
PSMD200E06 MEDER-PSMD200E06 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com