Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMD100E02 Datasheet(PDF) 1 Page - Meder Electronic

Part # PSMD100E02
Description  Fast Recovery Epitaxial Diode(FRED) Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PSMD100E02 Datasheet(HTML) 1 Page - Meder Electronic

  PSMD100E02 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Fast Recovery
PSMD 100E
IFAV
= 136 A
Epitaxial Diode
VRRM
= 200-600V
(FRED) Module
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
200
200
PSMD 100E/02
400
400
PSMD 100E/04
600
600
PSMD 100E/06
Symbol Test Conditions
Maximum Ratings
IFAV
TC = 70°C
136
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
2000
A
VR = 0
t = 8.3 ms (60 Hz), sine
2200
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1800
A
VR = 0
t = 8.3 ms (60 Hz), sine
1980
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
20000
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
20080
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
16200
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
16250
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
250
µA
VR = VRRM
TVJ = TVJM
2.5
mA
VF
IF = 100 A
TVJ = 25°C
1.25
V
trr
IRM
TVJ = 25°C; IF=1A; -diF/dt=400A/µs
VR= 30V
IF=100A; -diF/dt=200A/µs; VR=100V
L
≤ 0,05 mH; TVJ = 100°C
typ. 60
typ. 45
ns
A
VTO
For power-loss calculations only
0.45
V
rT
TVJ = TVJM
1.25
m
RthJH
per diode; DC current
0.84
K/W
RthJC
per diode; DC current
0.65
K/W
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Short recovery time
Low forward voltage drop
Short recovery behaviour
UL registered, E 148688
Applications
Inductive heating and melting
Free wheeling diode in converters
and motor control circuits
Uninterruptible power supplies
(UPS
)
Ultrasonic cleaners and welders
Advantages
High reliability circuit operation
Low voltage peaks for reduced
protection circuits
Low noise switching
Low losses
Package, style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSMD100E02

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSMD100E08 MEDER-PSMD100E08 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode Module
More results

Similar Description - PSMD100E02

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKD75E-06 POWERSEM-PSKD75E-06 Datasheet
118Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSKD200E-06 POWERSEM-PSKD200E-06 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSMD75E-12 POWERSEM-PSMD75E-12 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSMD150E-06 POWERSEM-PSMD150E-06 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSND50E-12 POWERSEM-PSND50E-12 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
IXYS Corporation
MEA300-06DA IXYS-MEA300-06DA Datasheet
56Kb / 2P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
Powersem GmbH
PSND200E-12 POWERSEM-PSND200E-12 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSMD30E-12 POWERSEM-PSMD30E-12 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
IXYS Corporation
MEA250-12DA IXYS-MEA250-12DA Datasheet
53Kb / 2P
   Fast Recovery Epitaxial Diode (FRED) Module
MEK350-02DA IXYS-MEK350-02DA Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED) Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com