Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSW1H17508 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSW1H17508
Description  Single Phase AC Controller Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSW1H17508 Datasheet(HTML) 1 Page - Powersem GmbH

  PSW1H17508 Datasheet HTML 1Page - Powersem GmbH PSW1H17508 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Phase
PSW1C175
I
RMS
= 175 A
AC Controller Modules
PSW1H175
V
RRM
= 600-1600 V
Preliminary Data Sheet
Features
Thyristor controller for AC (circuit
W1C acc. to IEC) for mains frequency
Isolation voltage 3000 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
Switching and control of single and three
phase AC circuits
Light and temperature control
Softstart AC motor controller
Solid state switches
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
700
600 PSW1C 175/06
PSW1H 175/06
900
800 PSW1C 175/08
PSW1H 175/08
1300 1200 PSW1C 175/12
PSW1H 175/12
1500 1400 PSW1C 175/14
PSW1H 175/14
1700 1600 PSW1C 175/16
PSW1H 175/16
Data according to IEC 60747 refer to a single thyristor unless otherwise stated
Symbol
Test Conditions
Maximum Ratings
I
RMS
T
C = 85 °C; 50-400 Hz (per single controller)
175
A
I
TRMS
125
A
I
TAVM
T
C = 85 °C;
180° sine
80
A
I
TSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
1500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1600
A
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
1350
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1450
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
11250
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
10620
A²s
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
9100
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
8720
A²s
(di/dt)
cr
T
VJ = 125 °C
repetitive, I
T = 80 A
150
A/µs
f=50Hz, t
P=200µs
V
D=2/3VDRM
I
G=0.45 A
non repetitive,I
T = ITAVM
500
A/µs
di
G/dt=0.45A/µs
(dv/dt)
cr
T
VJ = 125 °C
V
D=2/3VDRM
1000
V/µs
R
GK= ∞, method 1 (linear voltage rise)
P
GM
T
VJ = 125 °C
t
P=30µs
10
W
I
T =ITAVM
t
P=300µs
5W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
I
ISOL ≤ 1 mA
t = 1 s
3000
V
M
d
Mounting torque (M4)
1.5 - 1.8
Nm
14 - 16
lb.in.
Weight
typ.
16
g


Similar Part No. - PSW1H17508

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSW1H175 POWERSEM-PSW1H175 Datasheet
121Kb / 2P
   Single Phase AC Controller Modules
More results

Similar Description - PSW1H17508

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSW1C140 POWERSEM-PSW1C140 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C140PSW1H140 POWERSEM-PSW1C140PSW1H140 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C205PSW1H205 POWERSEM-PSW1C205PSW1H205 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C175 POWERSEM-PSW1C175 Datasheet
121Kb / 2P
   Single Phase AC Controller Modules
PSW1C205 POWERSEM-PSW1C205 Datasheet
150Kb / 2P
   Single Phase AC Controller Modules
PSW1C70 POWERSEM-PSW1C70 Datasheet
137Kb / 2P
   Single Phase AC Controller Modules
PSW1C110 POWERSEM-PSW1C110 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C100 POWERSEM-PSW1C100 Datasheet
137Kb / 2P
   Single Phase AC Controller Modules
PSW1C110PSW1H110 POWERSEM-PSW1C110PSW1H110 Datasheet
122Kb / 2P
   Single Phase AC Controller Modules
PSW1C25 POWERSEM-PSW1C25 Datasheet
137Kb / 2P
   Single Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com