Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAN-12D2A0 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # SLAN-12D2A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLAN-12D2A0 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button SLAN-12D2A0 Datasheet HTML 7Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 8Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 9Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 10Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 11Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 12Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 13Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 14Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
11
Feb. 16, 2012
Bel Power Inc., a subsidiary of Bel Fuse Inc.
NON-ISOLATED DC/DC CONVERTERS
3 Vdc – 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
Design Considerations
Input Filtering
The SLAN-12D2Ax module should be connected to a low ac-impedance source. A highly inductive source can
affect the stability of the module. An input capacitance must be placed directly adjacent to the input pin of the
module, to minimize input ripple voltage and ensure module stability.
To minimize input voltage ripple, ceramic capacitors are recommended at the input of the module. Figure 37
shows the input ripple voltage for various output voltages at 12A of load current with 2x22 µF or 3x22 µF ceramic
capacitors and an input of 12V.
Figure 37
Note: Input ripple voltage for various output voltages with 2x22 µF or 3x22 µF ceramic capacitors at the input
(12A load). Input voltage is 12V.
Output Filtering
The SLAN-12D2Ax modules are designed for low output ripple voltage and will meet the maximum output ripple
specification with 0.1 µF ceramic and 22 µF ceramic capacitors at the output of the module. However, additional
output filtering may be required by the system designer for a number of reasons. First, there may be a need to
further reduce the output ripple and noise of the module. Second, the dynamic response characteristics may
need to be customized to a particular load step change.
To reduce the output ripple and improve the dynamic response to a step load change, additional capacitance at
the output can be used. Low ESR polymer and ceramic capacitors are recommended to improve the dynamic
response of the module. Figure 38 provides output ripple information for different external capacitance values at
various Vo and a full load current of 12A. For stable operation of the module, limit the capacitance to less than
the maximum output capacitance as specified in the electrical specification table. Optimal performance of the
module can be achieved by using the Tunable Loop
TM feature described later in this data sheet.
Output Voltage (Vdc)


Similar Part No. - SLAN-12D2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLAN-12D2A0 BEL-SLAN-12D2A0 Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
More results

Similar Description - SLAN-12D2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com