Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4005SC Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV4005SC
Description  Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4005SC Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV4005SC Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4005SC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R0201-BS62LV4005
Revision 2.4
April 2002
1
• Vcc operation voltage : 4.5V ~ 5.5V
• Low power consumption
Vcc = 5.0V
C-grade: 45mA (Max.) operating current
I -grade: 50mA (Max.) operating current
1.5uA
(Typ.) CMOS standby current
• High speed access time :
-70
70ns (Max.) at Vcc = 5.0V
-55
55ns (Max.) at Vcc = 5.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
The BS62LV4005 is a high performance, low power CMOS
Static Random Access Memory organized as 524,288 words by 8 bits
and operates from a wide range of 4.5V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with maximum access time of 55/ 70ns
in 5V operation.
Easy memory expansion is provided by active LOW chip
enable (CE), active LOW output enable (OE) and three-state
output drivers.
The BS62LV4005 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62LV4005 is available in the JEDEC standard 32 pin SOP
, TSOP, TSOP II and STSOP .
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
2048 X 2048
Column I/O
Sense Amp
Write Driver
Column Decoder
Data
Buffer
Output
Address Input Buffer
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE
DQ5
DQ4
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
8
8
8
8
DQ7
DQ6
DQ3
DQ2
DQ1
DQ0
16
256
2048
2048
22
A11 A9 A8 A3 A2 A1 A0 A10
POWER DISSIPATION
SPEED
(ns )
STANDBY
(ICCSB1 , Max )
Operating
(ICC, Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc = 5.0V
Vcc = 5.0V
Vcc=5.0V
PKG TYPE
BS62LV4005SC
SOP-32
BS62LV4005EC
TSOP2-32
BS62LV4005TC
TSOP-32
BS62LV4005STC
STSOP-32
BS62LV4005PC
4.5V ~ 5.5V
45mA
PDIP-32
+0
O C to +70O C
55 / 70
15uA
BS62LV4005SI
SOP-32
BS62LV4005EI
TSOP2-32
BS62LV4005TI
TSOP-32
BS62LV4005STI
STSOP-32
BS62LV4005PI
C to +85
O C4.5V ~
-40
O
5.5V
55 / 70
25uA
50mA
PDIP-32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BS62LV4005SC
BS62LV4005SI
BS62LV4005EC
BS62LV4005EI
BS62LV4005PC
BS62LV4005PI
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
A11
A9
A8
A13
WE
A17
A15
C
A18
A16
A14
A12
A7
A6
A5
A4
VC
BS62LV4005TC
BS62LV4005STC
BS62LV4005TI
BS62LV4005STI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Low Power/Voltage CMOS SRAM
512K X 8 bit
BS62LV4005
BSI


Similar Part No. - BS62LV4005SC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STC BSI-BS62LV4000STC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STI BSI-BS62LV4000STI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TC BSI-BS62LV4000TC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TI BSI-BS62LV4000TI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4005SC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com