Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4005EC Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS62LV4005EC
Description  Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4005EC Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS62LV4005EC Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4005EC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
R0201-BS62LV4005
Revision 2.4
April 2002
2
Name
Function
A0-A18 Address Input
These 19 address inputs select one of the 524,288 x 8-bit words in the RAM
CE Chip Enable Input
CE is active LOW. Chip enable must be active when data read from or write to the
device. if chip enable is not active, the device is deselected and is in a standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
BSI
MODE
WE
CE
OE
I/O OPERATION
Vcc CURRENT
Not selected
CSB1
X
H
X
High Z
I
CCSB, IC
Output Disabled
H
L
H
High Z
I
CC
Read
H
L
L
DOUT
I
CC
Write
L
L
X
DIN
I
CC
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not tested.
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to 6.0
V
T BIAS
Temperature Under Bias
-40 to +125
O C
T STG
Storage Temperature
-60 to +150
O C
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
mA
20
BS62LV4005
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C
4.5~5.5V
Industrial
-40 O Cto +85 O C
4.5~5.5V


Similar Part No. - BS62LV4005EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STC BSI-BS62LV4000STC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STI BSI-BS62LV4000STI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TC BSI-BS62LV4000TC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TI BSI-BS62LV4000TI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4005EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com