Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCA001132 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCCA001132
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001132 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCCA001132 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Soft Terminal MLCC
Page <4>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specification Table
Description
Size
Inch (mm)
Dielectric
Capacitance Tolerance
Rated
Voltage
(V DC)
Termination
Part Number
Capacitor, 0603, X7R, 10 V, 100 pF
0603
(1608)
X7R
100 pF
±10%
10 V
Cu / Ni / Sn
MCCA001104
Capacitor, 0603, X7R, 10 V, 150 pF
150 pF
MCCA001105
Capacitor, 0603, X7R, 10 V, 220 pF
220 pF
MCCA001106
Capacitor, 0603, X7R, 10 V, 330 pF
330 pF
MCCA001107
Capacitor, 0603, X7R, 10 V, 470 pF
470 pF
MCCA001108
Capacitor, 0603, X7R, 10 V, 680 pF
680 pF
MCCA001109
Capacitor, 0603, X7R, 10 V, 1 nF
1 nF
MCCA001110
Capacitor, 0603, X7R, 10 V, 1.5 nF
1.5 nF
MCCA001111
Capacitor, 0603, X7R, 10 V, 2.2 nF
2.2 nF
MCCA001112
Capacitor, 0603, X7R, 10 V, 3.3 nF
3.3 nF
MCCA001113
Capacitor, 0603, X7R, 10 V, 4.7 nF
4.7 nF
MCCA001114
Capacitor, 0603, X7R, 10 V, 6.8 nF
6.8 nF
MCCA001115
Capacitor, 0603, X7R, 10 V, 10 nF
10 nF
MCCA001116
Capacitor, 0603, X7R, 10 V, 15 nF
15 nF
MCCA001117
Capacitor, 0603, X7R, 10 V, 22 nF
22 nF
MCCA001118
Capacitor, 0603, X7R, 10 V, 33 nF
33 nF
MCCA001119
Capacitor, 0603, X7R, 10 V, 47 nF
47 nF
MCCA001120
Capacitor, 0603, X7R, 10 V, 68 nF
68 nF
MCCA001121
Capacitor, 0603, X7R, 10 V, 100 nF
100 nF
MCCA001122
Capacitor, 0603, X7R, 10 V, 150 nF
150 nF
MCCA001123
Capacitor, 0603, X7R, 10 V, 220 nF
220 nF
MCCA001124
Capacitor, 0603, X7R, 10 V, 330 nF
330 nF
MCCA001125
Capacitor, 0603, X7R, 10 V, 470 nF
470 nF
MCCA001126
Capacitor, 0603, X7R, 10 V, 680 nF
680 nF
MCCA001127
Capacitor, 0603, X7R, 16 V, 100 pF
100 pF
16 V
MCCA001129
Capacitor, 0603, X7R, 16 V, 150 pF
150 pF
MCCA001130
Capacitor, 0603, X7R, 16 V, 220 pF
220 pF
MCCA001131
Capacitor, 0603, X7R, 16 V, 330 pF
330 pF
MCCA001132
Capacitor, 0603, X7R, 16 V, 470 pF
470 pF
MCCA001133
Capacitor, 0603, X7R, 16 V, 680 pF
680 pF
MCCA001134
Capacitor, 0603, X7R, 16 V, 1 nF
1 nF
MCCA001135
Capacitor, 0603, X7R, 16 V, 1.5 nF
1.5 nF
MCCA001136
Capacitor, 0603, X7R, 16 V, 2.2 nF
2.2 nF
MCCA001137
Capacitor, 0603, X7R, 16 V, 3.3 nF
3.3 nF
MCCA001138


Similar Part No. - MCCA001132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001132

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com