Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK212BBJ105KA-T Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK212BBJ105KA-T
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK212BBJ105KA-T Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  EMK212BBJ105KA-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc EMK212BBJ105KA-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
5
11
mlcc01_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Cap
〔μF〕
Type
107
212
316
325
B/X5R
X7R
B/X5R
F/Y5V
B/X5R
F/Y5V
B/X5R
VDC
25 16 10 6.3 16 10 50 25 16 10 6.3 50 10 6.3 50 25 16 10 6.3 50 35 10 6.3 25 16 10
〔3-digit〕
0.1
104
0.22
224
D
0.33
334
0.47
474
D
D
0.68
684
1
105
K K K K D D D D D
D
D D
2.2
225
K K D D
D D
D
D
D D D
G
3.3
335
D
4.7
475
K K
D
D D D. K D.K
D D D D D
G D
D
6.8
685
10
106
D
D D.K
D D D D
D D D D
22
226
D
D D D
D
47
476
D
Temp.char.
Code
Temperature characteristics
Capacitance
tolerance〔%〕
Applicable
standard
Temperature
range〔℃〕
Ref. Temp.
〔℃〕
Capacitance
change〔%〕
BJ
JIS
B
-25~+85
20
±10
±10(K)
±20(M)
EIA
X5R
-55~+85
25
±15
B7
EIA
X7R
-55~+125
25
±15
F
JIS
F
-25~+85
20
+30/-80
+80
-20(Z)
EIA
Y5V
-30~+85
25
+22/-82
Low Profile Multilayer Ceramic Capacitors
Note:Letters in the table indicate product thickness. ■■ X5R only
107TYPE
【Temperature Characteristic BJ:B/X5R】
・0.8mm thickness(A)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 BJ474□A
UMK107ABJ474□A
X5R
0.47
±10, ±20
10
0.8+0.15/-0.05
R
150%
D
UMK107 BJ105□A
X5R
1
±10, ±20
10
0.8±0.1
R
150%
35V
GMK107 BJ105□A
B/X5R
1
±10, ±20
5
0.8±0.1
R
150%
25V
TMK107 BJ224□A
B/X5R
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
TMK107 BJ474□A
B/X5R
0.47
±10, ±20
3.5
0.8±0.1
R
150%
TMK107 BJ105□A
B/X5R
1
±10, ±20
5
0.8±0.1
R
150%
TMK107 BJ225□A
TMK107ABJ225□A
X5R
2.2
±10, ±20
10
0.8+0.15/-0.05
R
150%
D
16V
EMK107 BJ224□A
B/X5R*1
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
EMK107 BJ474□A
B/X5R*1
0.47
±10, ±20
3.5
0.8±0.1
R
200%
EMK107 BJ105□A
B/X5R*1
1
±10, ±20
5
0.8±0.1
R
150%
EMK107 BJ225□A
B/X5R
2.2
±10, ±20
10
0.8±0.1
R
150%
EMK107 BJ475□A
EMK107ABJ475□A
X5R
4.7
±10, ±20
10
0.8+0.15/-0.05
R
150%
D
10V
LMK107 BJ224□A
B/X5R*1
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
LMK107 BJ474□A
B/X5R*1
0.47
±10, ±20
3.5
0.8±0.1
R
200%
LMK107 BJ105□A
B/X5R*1
1
±10, ±20
5
0.8±0.1
R
200%
LMK107 BJ225□A
B/X5R
2.2
±10, ±20
10
0.8±0.1
R
150%
LMK107 BJ475□A
X5R
4.7
±10, ±20
10
0.8±0.1
R
150%
LMK107 BJ106MA
LMK107BBJ106MA
X5R
10
±20
10
0.8+0.2/-0
R
150%
D
Special code:L
6.3V
JMK107 BJ225□A
B/X5R
2.2
±10, ±20
10
0.8±0.1
R
150%
JMK107 BJ475□A
X5R
4.7
±10, ±20
10
0.8±0.1
R
150%
JMK107 BJ106MA
JMK107ABJ106MA
X5R
10
±20
10
0.8+0.15/-0.05
R
150%
4V
AMK107 BJ106MA
X5R
10
±20
10
0.8±0.1
R
150%
AMK107 BJ226MA
AMK107BBJ226MA
X5R
22
±20
10
0.8+0.2/-0
R
150%
・0.45mm thickness(K)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
TMK107 BJ105□K
X5R
1
±10, ±20
10
0.45±0.05
R
150%
16V
EMK107 BJ105□K
X5R
1
±10, ±20
10
0.45±0.05
R
150%
10V
LMK107 BJ105□K
B/X5R
1
±10, ±20
10
0.45±0.05
R
150%
LMK107 BJ225□K
X5R
2.2
±10, ±20
10
0.45±0.05
R
150%
LMK107 BJ475MK
LMK107BBJ475MK
X5R
4.7
±20
10
0.45±0.05
R
150%
D
Special code:L
6.3V
JMK107 BJ105□K
B/X5R
1
±10, ±20
10
0.45±0.05
R
150%
JMK107 BJ225□K
X5R
2.2
±10, ±20
10
0.45±0.05
R
150%
JMK107 BJ475MK
X5R
4.7
±20
10
0.45±0.05
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 B7224□A
X7R
0.22
±10, ±20
10
0.8±0.1
R
150%
R
UMK107 B7474□A
X7R
0.47
±10, ±20
10
0.8±0.1
R
150%
R
25V
TMK107 B7474□A
X7R
0.47
±10, ±20
10
0.8±0.1
R
150%
R
TMK107 B7105□A
X7R
1
±10, ±20
10
0.8±0.1
R
150%
16V
EMK107 B7224□A
X7R
0.22
±10, ±20
3.5
0.8±0.1
R/W
150%
EMK107 B7474□A
X7R
0.47
±10, ±20
3.5
0.8±0.1
R
150%
EMK107 B7105□A
X7R
1
±10, ±20
5
0.8±0.1
R
150%
10V
LMK107 B7224□A
X7R
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
LMK107 B7474□A
X7R
0.47
±10, ±20
3.5
0.8±0.1
R
200%
LMK107 B7105□A
X7R
1
±10, ±20
5
0.8±0.1
R
150%
LMK107 B7225□A
X7R
2.2
±10, ±20
10
0.8±0.1
R
150%
6.3V
JMK107 B7224□A
X7R
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
JMK107 B7474□A
X7R
0.47
±10, ±20
3.5
0.8±0.1
R
200%
JMK107 B7105□A
X7R
1
±10, ±20
5
0.8±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.


Similar Part No. - EMK212BBJ105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK212BBJ106KG8T TAIYO-YUDEN-EMK212BBJ106KG8T Datasheet
506Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
EMK212BBJ106KGHT TAIYO-YUDEN-EMK212BBJ106KGHT Datasheet
266Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK212BBJ106MG8T TAIYO-YUDEN-EMK212BBJ106MG8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
EMK212BBJ106MGHT TAIYO-YUDEN-EMK212BBJ106MGHT Datasheet
266Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - EMK212BBJ105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com