Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCA001148 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MCCA001148
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001148 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MCCA001148 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA001148 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Soft Terminal MLCC
Page <9>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Size
Inch
(mm)
Dielectric
Capacitance Tolerance
Rated
Voltage
(V DC)
Termination Part Number
Capacitor, 0805, X7R, 50 V, 6.8 nF
0805
(2012)
X7R
6.8 nF
±10%
50 V
Cu / Ni / Sn
MCCA001281
Capacitor, 0805, X7R, 50 V, 10 nF
10 nF
MCCA001282
Capacitor, 0805, X7R, 50 V, 15 nF
15 nF
MCCA001283
Capacitor, 0805, X7R, 50 V, 22 nF
22 nF
MCCA001284
Capacitor, 0805, X7R, 50 V, 33 nF
33 nF
MCCA001285
Capacitor, 0805, X7R, 50 V, 47 nF
47 nF
MCCA001286
Capacitor, 0805, X7R, 50 V, 68 nF
68 nF
MCCA001287
Capacitor, 0805, X7R, 50 V, 100 nF
100 nF
MCCA001288
Capacitor, 0805, X7R, 50 V, 150 nF
150 nF
MCCA001289
Capacitor, 0805, X7R, 50 V, 220 nF
220 nF
MCCA001290
Capacitor, 0805, X7R, 100 V, 100 pF
100 pF
100 V
MCCA001291
Capacitor, 0805, X7R, 100 V, 150 pF
150 pF
MCCA001292
Capacitor, 0805, X7R, 100 V, 220 pF
220 pF
MCCA001293
Capacitor, 0805, X7R, 100 V, 330 pF
330 pF
MCCA001294
Capacitor, 0805, X7R, 100 V, 470 pF
470 pF
MCCA001295
Capacitor, 0805, X7R, 100 V, 680 pF
680 pF
MCCA001296
Capacitor, 0805, X7R, 100 V, 1 nF
1 nF
MCCA001297
Capacitor, 0805, X7R, 100 V, 1.5 nF
1.5 nF
MCCA001298
Capacitor, 0805, X7R, 100 V, 2.2 nF
2.2 nF
MCCA001299
Capacitor, 0805, X7R, 100 V, 3.3 nF
3.3 nF
MCCA001300
Capacitor, 0805, X7R, 100 V, 4.7 nF
4.7 nF
MCCA001301
Capacitor, 0805, X7R, 100 V, 6.8 nF
6.8 nF
MCCA001302
Capacitor, 0805, X7R, 100 V, 10 nF
10 nF
MCCA001303
Capacitor, 0805, X7R, 100 V, 15 nF
15 nF
MCCA001304
Capacitor, 0805, X7R, 100 V, 22 nF
22 nF
MCCA001305
Capacitor, 0805, X7R, 100 V, 33 nF
33 nF
MCCA001306
Capacitor, 0805, X7R, 100 V, 47 nF
47 nF
MCCA001307
Capacitor, 0805, X7R, 100 V, 68 nF
68 nF
MCCA001308
Capacitor, 0805, X7R, 100 V, 100 nF
100 nF
MCCA001309
Capacitor, 1206, X7R, 10 V, 150 pF
1206
(3216)
150 pF
10 V
MCCA001310
Capacitor, 1206, X7R, 100 V, 150 pF
150 pF
100 V
MCCA001311
Capacitor, 1206, X7R, 10 V, 220 pF
220 pF
10 V
MCCA001312
Capacitor, 1206, X7R, 16 V, 150 pF
150 pF
16 V
MCCA001313
Capacitor, 1206, X7R, 100 V, 220 pF
220 pF
100 V
MCCA001314
Capacitor, 1206, X7R, 10 V, 330 pF
330 pF
10 V
MCCA001315
Capacitor, 1206, X7R, 25 V, 150 pF
150 pF
25 V
MCCA001316
Capacitor, 1206, X7R, 16 V, 220 pF
220 pF
16 V
MCCA001317
Capacitor, 1206, X7R, 100 V, 330 pF
330 pF
100 V
MCCA001318
Capacitor, 1206, X7R, 10 V, 470 pF
470 pF
10 V
MCCA001319
Capacitor, 1206, X7R, 50 V, 150 pF
150 pF
50 V
MCCA001320


Similar Part No. - MCCA001148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001148

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com