Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0898BA02546S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0898BA02546S
Description  897.5 MHz SAW Filter 40 MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0898BA02546S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0898BA02546S Datasheet HTML 1Page - API Technologies Corp SF0898BA02546S Datasheet HTML 2Page - API Technologies Corp SF0898BA02546S Datasheet HTML 3Page - API Technologies Corp SF0898BA02546S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
897.5 MHz SAW Filter
40 MHz Bandwidth
Part Number: SF0898BA02546S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF0898BA02546S Rev A
7-Apr-2010
ECN 36650
Page 2 of 4
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
897.5
-
MHz
Insertion Loss (880 to 915 MHz)
-
2.1
3.0
dB
Amplitude Ripple (880 to 915 MHz)
-
1.0
2.0
dB p-p
Input VSWR (880 to 915 MHz)
-
2
2.6
:1
Output VSWR (880 to 915 MHz)
-
2
2.6
:1
Attenuation (1 to 860 MHz)
2
17
19
-
dB
Attenuation (925 to 935 MHz)
2
5
12.4
-
dB
Attenuation (935 to 960 MHz)
2
20
24
-
dB
Attenuation (980 to 2000 MHz)
2
20
22
-
dB
Source Impedance
50 ohms single-ended
Load Impedance
50 ohms single ended
Ambient Temperature
-
25
-
° C
Notes:
1. Fixed reference point.
2. Reference level from 0 dB.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-20
75
˚C
Input Power Level
-
5
dBm
DC Voltage
-
3
Volts
MATCHING CIRCUIT
Notes: Matching components are not required; 50 ohm single-ended system.


Similar Part No. - SF0898BA02546S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0898BA02546S SPECTRUM-SF0898BA02546S Datasheet
298Kb / 4P
   897.5 MHz SAW Filter 40 MHz Bandwidth
More results

Similar Description - SF0898BA02546S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0898BA02546S SPECTRUM-SF0898BA02546S Datasheet
298Kb / 4P
   897.5 MHz SAW Filter 40 MHz Bandwidth
logo
TriQuint Semiconductor
856671 TRIQUINT-856671_15 Datasheet
392Kb / 6P
   897.5 MHz SAW Filter
856113 TRIQUINT-856113 Datasheet
431Kb / 5P
   897.5 MHz SAW Filter
856824 TRIQUINT-856824 Datasheet
511Kb / 5P
   897.5 MHz SAW Filter
856657 TRIQUINT-856657_15 Datasheet
396Kb / 5P
   897.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1003A TAI-SAW-TA1003A Datasheet
518Kb / 6P
   SAW Filter 897.5 MHz
TA1814B TAI-SAW-TA1814B Datasheet
705Kb / 8P
   SAW Filter 897.5 MHz
logo
TriQuint Semiconductor
856824 TRIQUINT-856824_15 Datasheet
533Kb / 5P
   897.5 MHz SAW Filter
logo
API Technologies Corp
SF0077BA03192S APITECH-SF0077BA03192S Datasheet
149Kb / 3P
   76.8 MHz SAW Filter 40 MHz Bandwidth
logo
EPCOS
B9431 EPCOS-B9431 Datasheet
101Kb / 8P
   SAW Tx Filter 897.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com