Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0948BA02589S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0948BA02589S
Description  947.5 MHz SAW Filter 25 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0948BA02589S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0948BA02589S Datasheet HTML 1Page - API Technologies Corp SF0948BA02589S Datasheet HTML 2Page - API Technologies Corp SF0948BA02589S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
947.5 MHz SAW Filter
25 MHz Bandwidth
Part Number: SF0948BA02589S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0948BA02589S Rev X2 31-Jan-11
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency FC
-
947.5
-
MHz
Bandwidth
25
30
-
MHz
Insertion Loss (935 - 960 MHz)
-
2.4
3.0
dB
Amplitude Ripple (935 - 960 MHz)
-
1.0
2.0
dB p-p
Attenuation (Reference level from 0 db)
DC to 890 MHz
28
32
-
dB
890 to 915 MHz
20
35
-
dB
980 to 1025 MHz
15
30
-
dB
1025 to 2000 MHz
30
34.5
-
dB
Input/Output VSWR (935 - 960 MHz)
-
2.0
2.2
dB
Terminating Impedance
50
Ω// 0nF
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
ºC
Operating Temperature Range
-30
85
ºC
Input Power Level
-
+10
dBm
D.C. Voltage
-
0
V
MATCHING CIRCUIT
Notes:
1. External matching components are not required.
2. Device is intended to operate in a 50 Ω single ended system.
Input
50
Single ended
Output
50
Single ended
2
5
All other pads
GND
GND


Similar Part No. - SF0948BA02589S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
More results

Similar Description - SF0948BA02589S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0991A TAI-SAW-TA0991A Datasheet
394Kb / 7P
   SAW Filter 947.5 MHz
TA947GG TAI-SAW-TA947GG Datasheet
150Kb / 8P
   SAW Filter 947.5 MHz 25 MHz Bw For GSM
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0836BA02513S ICST-SF0836BA02513S Datasheet
76Kb / 3P
   836.5 MHz SAW Filter 25 MHz Bandwidth
SF0881BA02514S ICST-SF0881BA02514S Datasheet
75Kb / 3P
   881.5 MHz SAW Filter 25 MHz Bandwidth
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
   947.5 MHz RF SAW Filter
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com