Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCA001188 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MCCA001188
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001188 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MCCA001188 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA001188 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Soft Terminal MLCC
Page <7>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Size
Inch
(mm)
Dielectric
Capacitance Tolerance
Rated
Voltage
(V DC)
Termination Part Number
Capacitor, 0805, X7R, 10 V, 470 pF
0805
(2012)
X7R
470 pF
±10%
10 V
Cu / Ni / Sn
MCCA001211
Capacitor, 0805, X7R, 10 V, 680 pF
680 pF
MCCA001212
Capacitor, 0805, X7R, 10 V, 1 nF
1 nF
MCCA001213
Capacitor, 0805, X7R, 10 V, 1.5 nF
1.5 nF
MCCA001214
Capacitor, 0805, X7R, 10 V, 2.2 nF
2.2 nF
MCCA001215
Capacitor, 0805, X7R, 10 V, 3.3 nF
3.3 nF
MCCA001216
Capacitor, 0805, X7R, 10 V, 4.7 nF
4.7 nF
MCCA001217
Capacitor, 0805, X7R, 10 V, 6.8 nF
6.8 nF
MCCA001218
Capacitor, 0805, X7R, 10 V, 10 nF
10 nF
MCCA001219
Capacitor, 0805, X7R, 10 V, 15 nF
15 nF
MCCA001220
Capacitor, 0805, X7R, 10 V, 22 nF
22 nF
MCCA001221
Capacitor, 0805, X7R, 10 V, 33 nF
33 pF
MCCA001222
Capacitor, 0805, X7R, 10 V, 47 nF
47 nF
MCCA001223
Capacitor, 0805, X7R, 10 V, 68 nF
68 nF
MCCA001224
Capacitor, 0805, X7R, 10 V, 100 nF
100 nF
MCCA001225
Capacitor, 0805, X7R, 10 V, 150 nF
150 nF
MCCA001226
Capacitor, 0805, X7R, 10 V, 220 nF
220 nF
MCCA001227
Capacitor, 0805, X7R, 16 V, 100 pF
100 pF
16 V
MCCA001228
Capacitor, 0805, X7R, 16 V, 150 pF
150 pF
MCCA001229
Capacitor, 0805, X7R, 16 V, 220 pF
220 pF
MCCA001230
Capacitor, 0805, X7R, 16 V, 330 pF
330 pF
MCCA001231
Capacitor, 0805, X7R, 16 V, 470 pF
470 pF
MCCA001232
Capacitor, 0805, X7R, 16 V, 680 pF
680 pF
MCCA001233
Capacitor, 0805, X7R, 16 V, 1 nF
1 nF
MCCA001234
Capacitor, 0805, X7R, 16 V, 1.5 nF
1.5 nF
MCCA001235
Capacitor, 0805, X7R, 16 V, 2.2 nF
2.2 nF
MCCA001236
Capacitor, 0805, X7R, 16 V, 3.3 nF
3.3 nF
MCCA001237
Capacitor, 0805, X7R, 16 V, 4.7 nF
4.7 nF
MCCA001238
Capacitor, 0805, X7R, 16 V, 6.8 nF
6.8 nF
MCCA001239
Capacitor, 0805, X7R, 16 V, 10 nF
10 nF
MCCA001240
Capacitor, 0805, X7R, 16 V, 15 nF
15 nF
MCCA001241
Capacitor, 0805, X7R, 16 V, 22 nF
22 nF
MCCA001242
Capacitor, 0805, X7R, 16 V, 33 nF
33 nF
MCCA001243
Capacitor, 0805, X7R, 16 V, 47 nF
47 nF
MCCA001244


Similar Part No. - MCCA001188

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001188

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com