Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK316BB7105KA-T Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK316BB7105KA-T
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK316BB7105KA-T Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button UMK316BB7105KA-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc UMK316BB7105KA-T Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
12
11
mlcc02_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Improved higher density mounting.
Monolithic structure provides higher reliability.
A wide range of capacitance values available in standard case sizes.
General electronic equipment
Communication equipment
(cellular phone, wireless applications, etc.)
STANDARD MULTILAYER CERAMIC CAPACITORS
CLASS1:TEMPERATURE COMPENSATING TYPE
Rated voltage
〔VDC〕
E
16
T
25
U
50
Thickness〔mm〕
C
0.2
P, T
0.3
W, V
0.5
Special code
Standard
Internal code
Standard
△=Blank space
Nominal capacitance〔pF〕
example
0R5
0.5
010
1
100
10
※R=decimal point
Dimension tolerance
Standard
△=Blank space
Series name
M
Multilayer ceramic
capacitor
End termination
K
Plated
Capacitance
tolerance
C
±0.25pF
D
±0.5pF
F
±1pF
J
±5%
K
±10%
Packaging
F
φ178mm Taping
(2mm pitch)
W
φ178mm Taping
(1mm pitch, 042 Type)
REFLOW
Temperature characteristics〔ppm/℃〕
C□:0
CH、CJ、CK
Tolerance
H:±60
J:±120
K:±250
R□:-220 RH
S□:-330 SH、SJ、SK
T□:-470 TJ、TK
U□:-750 UJ、UK
SL:+350~-1000
□=Tolerance
Cap
[pF]
Type
042
063
105
C□
C□
U□
C□
U□
SL
R□
S□
T□
VDC
16V
50V
25V
50V
[3-digit]
0.5
0R5
1
010
1.5
1R5
2
020
3
030
4
040
5
050
6
060
7
070
8
080
9
090
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
820
821
1000
102
Note: Letters in the table indicate thickness.
C
P
T
C
T
V
V
W
W
W
W
V
W
U M K 1 0 5 △ C H 1 0 1 J V - F △
Dimension
Type (inch) L×W〔mm〕
042 (01005) 0.4×0.2
063 (0201) 0.6×0.3
105 (0402) 1.0×0.5
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK042
(01005 inch)
0.4±0.02
0.2±0.02
0.2±0.02
C
0.1±0.03
40000
□MK063
(0201 inch)
0.6±0.03
0.3±0.03
0.3±0.03
P, T
0.15±0.05
15000
□MK105
(0402 inch)
1.0±0.05
0.5±0.05
0.5±0.05
W,V
0.25±0.10
10000


Similar Part No. - UMK316BB7105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK316BBJ106KL-T TAIYO-YUDEN-UMK316BBJ106KL-T Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
UMK316BBJ106ML-T TAIYO-YUDEN-UMK316BBJ106ML-T Datasheet
301Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - UMK316BB7105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com