Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4468CPD Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4468CPD
Description  Logic-Input CMOS Quad Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4468CPD Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4468CPD Datasheet HTML 6Page - Microchip Technology TC4468CPD Datasheet HTML 7Page - Microchip Technology TC4468CPD Datasheet HTML 8Page - Microchip Technology TC4468CPD Datasheet HTML 9Page - Microchip Technology TC4468CPD Datasheet HTML 10Page - Microchip Technology TC4468CPD Datasheet HTML 11Page - Microchip Technology TC4468CPD Datasheet HTML 12Page - Microchip Technology TC4468CPD Datasheet HTML 13Page - Microchip Technology TC4468CPD Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 10
 2002 Microchip Technology Inc.
A
resistive-load-caused
dissipation
for
supply-
referenced loads is a function of duty cycle, load
current and output voltage. The power dissipation is
EQUATION
Quiescent power dissipation depends on input signal
duty cycle. Logic HIGH outputs result in a lower power
dissipation mode, with only 0.6 mA total current drain
(all devices driven). Logic LOW outputs raise the
current to 4 mA maximum. The quiescent power
dissipation is:
EQUATION
Transition power dissipation arises in the complimen-
tary configuration (TC446X) because the output stage
N-channel and P-channel MOS transistors are ON
simultaneously for a very short period when the output
changes.
The
transition
power
dissipation
is
approximately:
EQUATION
Package power dissipation is the sum of load,
quiescent and transition power dissipations. An
example shows the relative magnitude for each term:
Maximum operating temperature is:
EQUATION
FIGURE 4-1:
Switching Time Test Circuit.
PL
DVOIL
=
IL
Load Current
=
VO
Device Output Voltage
=
DDuty Cycle
=
PQ
VS DIH
()
1D
()IL
+
()
=
IL
Quiescent Current with all outputs HIGH
=
IH
Quiescent Current with all outputs LOW
=
DDuty Cycle
=
VS
Supply Voltage
=
(4 mA max.)
(0.6 mA max.)
Note:
Ambient operating temperature should not
exceed +85°C for "EJD" device or +125°C
for "MJD" device.
PT
fVs 10 10
9
×
()
=
VS
15 V
=
C
1000 pF Capacitive Load
=
D
50%
=
f200 kHz
=
PD
Package Power Dissipation
=
PL PQ PT
++
=
45mW 35mW 30mW
++
=
110mW
=
TJ θJA PD
()
141
°C
=
θJA
Junction-to-ambient thernal resistance
=
TJ
Maximum allowable junction temperature
=
(+150
°C )
(83.3
°C/W) 14-pin plastic package
VOUT
470 pF
1B
1A
2B
2A
3B
3A
4B
4A
1 µF Film
0.1 µF Ceramic
90%
10%
10%
10%
90%
+5 V
Input
(A, B)
VDD
Output
0V
0V
90%
1
2
3
4
5
6
8
9
7
10
11
12
13
14
VDD
tR
tD1
tF
tD2
Input: 100 kHz,
square wave,
tRISE = tFALL ≤ 10 nsec


Similar Part No. - TC4468CPD

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4468CPD TELCOM-TC4468CPD Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
logo
Microchip Technology
TC4468CPD MICROCHIP-TC4468CPD Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
More results

Similar Description - TC4468CPD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
logo
Microchip Technology
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com