Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3656BG Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # 3656BG
Description  Transformer Coupled ISOLATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

3656BG Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button 3656BG Datasheet HTML 5Page - Burr-Brown (TI) 3656BG Datasheet HTML 6Page - Burr-Brown (TI) 3656BG Datasheet HTML 7Page - Burr-Brown (TI) 3656BG Datasheet HTML 8Page - Burr-Brown (TI) 3656BG Datasheet HTML 9Page - Burr-Brown (TI) 3656BG Datasheet HTML 10Page - Burr-Brown (TI) 3656BG Datasheet HTML 11Page - Burr-Brown (TI) 3656BG Datasheet HTML 12Page - Burr-Brown (TI) 3656BG Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
®
3656
9
Total amplifier gain:
G = G1 • G2 = VOUT VIN
Input Stage:
G1 = 1 + (RA/FA)
(Select G
1 to be less than 5V/full scale VIN to limit
demodulator output to 5V).
RA + RF ≥ 2MΩ
(Select to load input demodulator with at least 2M
Ω).
RC = RA || (RF + 100kΩ) =
(Balance impedances seen by the + and – inputs
of A1 to reduce input offset caused by bias current).
Output Stage:
G2 = 1 + (RX/RK)
(Select ratio to obtain VOUT between 5V and 10V
full scale with VIN at its maximum).
R
X || RK = 100kΩ
(Balance impedances seen by the + and – inputs
of A
2 to reduce effect of bias current on the
output offset).
RB = RA + RF
(Load output demodulator equal to input demodulator).
Inverting Gain, Voltage or Current Input
The signal portion of Figure 4 shows two possible inverting
input stage configurations: current and input, and voltage
input.
Input Stage:
For the voltage input case:
G1 = –RF/RS
(Select G1 to be less than 5V/full scale VIN
to limit the demodulator output voltage to 5V).
R
F = 2MΩ
(Select to load the demodulator with
at least 2M
Ω).
R
C = RS || (R1 + 100kΩ) =
(Balance the impedances seen by the + and– inputs of A1).
For the current input case:
V
OUT = –IIN RF • G2
RC = RF
RF may be made larger than 2MΩ if desired. The 10pF
capacitors are used to compensate for the input capacitance
of A1 and to insure frequency stability.
Output Stage:
The output stage is the same as shown in equations (5), (6),
and (7).
(1)
(2)
(3)
(11)
(12)
(8)
FIGURE 4. Power: Two-Port, Single Supply; Signal: Inverting Gains.
(4)
R
A (RF + 100kΩ)
R
A + RF + 100kΩ
(5)
(6)
(7)
(9)
R
S (RF + 100kΩ)
R
S + RF + 100kΩ
(10)
D
D
M
I/P PWR
100k
+
0.47µF
0.47µF
+
19
20
10pF
R
F = 2MΩ
R
B = 2MΩ
V
IN
+
R
S
10pF
R
C
I
IN
V
OUT
7
4
6
9
2
10
15
11
13
17
16
12
O/P PWR
Pulse GEN
1
3
14
A
2
A
1


Similar Part No. - 3656BG

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3656 EBMPAPST-3656 Datasheet
423Kb / 1P
   TUBEAXIAL
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
logo
SCHOTT CORPORATION
36560 SCHOTT-36560 Datasheet
13Kb / 1P
   INDUCTOR, PQ2007, 2.49 關H, 22.5 ADC
logo
Molex Electronics Ltd.
36563-0007 MOLEX5-36563-0007 Datasheet
181Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, without Plastic Polarizing Peg, 4 Circuits
36563-0007 MOLEX11-36563-0007 Datasheet
29Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, without Plastic Polarizing Peg, 4 Circuits, Polyester 94V-0, Tin Lead (Pb/Sn) Plating, White
More results

Similar Description - 3656BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
XFMRS Inc.
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
   ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
   ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
   ISOLATION TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com