Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # MMBT4401
Description  General purpose application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

MMBT4401 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  MMBT4401 Datasheet HTML 1Page - KODENSHI_AUK CORP. MMBT4401 Datasheet HTML 2Page - KODENSHI_AUK CORP. MMBT4401 Datasheet HTML 3Page - KODENSHI_AUK CORP. MMBT4401 Datasheet HTML 4Page - KODENSHI_AUK CORP. MMBT4401 Datasheet HTML 5Page - KODENSHI_AUK CORP. MMBT4401 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T5C102-000
1
MMBT4401
NPN Silicon Transistor
PIN Connection
PIN Connection
SOT-23
Descriptions
• General purpose application
• Switching application
Features
• Low Leakage current
• Low collector saturation voltage enabling
low voltage operation
• Complementary pair with MMBT4403
Ordering Information
Type NO.
Marking
Package Code
MMBT4401
4P □
① ②
SOT-23
Device Code ②Year& Week Code
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
0.6
A(DC)
ICP*
1.2
A(Pulse)
Collector dissipation
PC
200
mW
PC**
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
** : Package mounted on 99.5% alumina 10
×8×0.6mm
Characteristic
Symbol
Typ.
Max
Unit
Thermal resistance
Junction-ambient
Rth(J-A)
-
625.0
/W
Rth(J-A)**
-
357.1
/W


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diotec Semiconductor
MMBT4401 DIOTEC-MMBT4401 Datasheet
143Kb / 2P
   SMD General Purpose NPN Transistors
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
93Kb / 7P
   NPN General Pupose Amplifier
logo
Shanghai Leiditech Elec...
MMBT4401 LEIDITECH-MMBT4401 Datasheet
1,018Kb / 5P
   We declare that the material of product compliant with RoHS requirements and Halogen Free.
logo
Unisonic Technologies
MMBT4401 UTC-MMBT4401 Datasheet
274Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
   General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
   General purpose application
logo
New Jersey Semi-Conduct...
2SB512 NJSEMI-2SB512 Datasheet
132Kb / 1P
   GENERAL PURPOSE APPLICATION
logo
KODENSHI_AUK CORP.
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com