Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC76 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADC76
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC76 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADC76 Datasheet HTML 1Page - Burr-Brown (TI) ADC76 Datasheet HTML 2Page - Burr-Brown (TI) ADC76 Datasheet HTML 3Page - Burr-Brown (TI) ADC76 Datasheet HTML 4Page - Burr-Brown (TI) ADC76 Datasheet HTML 5Page - Burr-Brown (TI) ADC76 Datasheet HTML 6Page - Burr-Brown (TI) ADC76 Datasheet HTML 7Page - Burr-Brown (TI) ADC76 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
ADC76
3
LINEARITY ERROR
MODEL
max (% of FSR)
TEMPERATURE RANGE
1-24
25-99
100-249
ADC76AG
±0.006
–25
°C to +85°C
ADC76BG
±0.003
–25
°C to +85°C
ADC76JG
±0.006
0
°C to +70°C
ADC76KG
±0.003
0
°C to +70°C
PIN CONFIGURATION
Top View
DIP
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
ADC76JG
32-Pin Hermetic DIP
172-5
ADC76KG
32-Pin Hermetic DIP
172-5
ADC76AG
32-Pin Hermetic DIP
172-5
ADC76BG
32-Pin Hermetic DIP
172-5
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM SPECIFICATIONS
+VCC to Common .................................................................. 0V to +16.5V
–VCC to Common .................................................................. 0V to –16.5V
+VDD to Common ....................................................................... 0V to +7V
Analog Common to Digital Common ...............................................
±0.5V
Logic Inputs to Common ........................................................... 0V to VDD
Maximum Power Dissipation ....................................................... 1000mW
Lead Temperature (soldering, 10s) ................................................. 300
°C
ORDERING INFORMATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
5k
5k
6.3k
Reference
Clock
MSB Bit 1 1
Bit 2 2
Bit 3 3
Bit 4 4
Bit 5 5
Bit 6 6
Bit 7 7
Bit 8 8
Bit 9 9
Bit 10 10
Bit 11 11
Bit 12 12
(LSB for 13 Bits) Bit 13 13
Bit 15 15
(LSB for 14 Bits) Bit 14 14
Bit 16 16
+
Comparator
32 Short Cycle
31 Convert Command
30 +5V Supply
29 Gain Adjust
28 +15V Supply
27 Comparator In
26 Bipolar Offset
25 10V
24 20V
23 Clock Rate Control
22 Analog Common(1)
21 –15V Supply
20 Clock Out
18 Status
19 Digital Common
17 Serial Out
NOTE: (1) Metal lid is connected
to pin 22 (Analog Common).


Similar Part No. - ADC76

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Similar Description - ADC76

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com