Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1575BA02627S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF1575BA02627S
Description  1575.42 MHz SAW Filter 45 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1575BA02627S Datasheet(HTML) 2 Page - API Technologies Corp

  SF1575BA02627S Datasheet HTML 1Page - API Technologies Corp SF1575BA02627S Datasheet HTML 2Page - API Technologies Corp SF1575BA02627S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1575.42 MHz SAW Filter
45 MHz Bandwidth
Part Number: SF1575BA02627S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF1575BA02627S Rev X5 4-Jan-11
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, Fc 1
-
1575.4
2
-
MHz
Maximum Insertion Loss (1574.42-1576.42
MHz)
-
1.3
1.6
dB
Amplitude ripple (1574.42-1576.42 MHz)
-
0.1
0.75
dB p-p
2 dB Bandwidth
-
40
-
MHz
In/Out VSWR (1574.42~1576.42 MHz)
-
1.15
1.6
:1
Attenuation (0.3~1450 MHz) 2
35
38
-
dB
Attenuation (1450~1520 MHz) 2
30
45
-
dB
Attenuation (1625~1640 MHz) 2
45
48
-
dB
Attenuation (1640~1805 MHz) 2
38
40
-
dB
Attenuation (1805~1910 MHz) 2
38
40
-
dB
Attenuation (1910~2000 MHz) 2
38
43
-
dB
Attenuation (2000~4000 MHz) 2
30
45
-
dB
Attenuation (4000~6000 MHz) 2
20
22
-
dB
Source/Load Impedance
50
ohms
Ambient Temperature
25
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-40
85
˚C
Input Power Level
-
15
dBm
DC Voltage
-
3
V
MATCHING CIRCUIT
Notes:
1. External matching components are not required.
A
C
All other pads
Input
50
Single-ended
Output
50
Single-ended
GND
GND


Similar Part No. - SF1575BA02627S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1575BA02627S SPECTRUM-SF1575BA02627S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 45 MHz Bandwidth
More results

Similar Description - SF1575BA02627S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1575BA02627S SPECTRUM-SF1575BA02627S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 45 MHz Bandwidth
SF1575BA02532S SPECTRUM-SF1575BA02532S Datasheet
203Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
SF1575BA02634S SPECTRUM-SF1575BA02634S Datasheet
120Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
   1575.42 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02506S APITECH-SF1575BA02506S Datasheet
149Kb / 3P
   1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1575BA02534S APITECH-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
SF1575BA02634S APITECH-SF1575BA02634S Datasheet
120Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
SF1575BA02532S APITECH-SF1575BA02532S Datasheet
203Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02534S SPECTRUM-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
SF2133BA02661S SPECTRUM-SF2133BA02661S Datasheet
126Kb / 3P
   2132.5 MHz SAW Filter 45 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com