Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1715A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1715A
Description  169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1715A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1715A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 169.4 MHz
MODEL NO.:TA1715A
REV. NO.1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 6V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
169.4
-
3dB BW
KHz
-
500
-
Minimum insertion loss
IL(min)
Incl. loss of matching elements
*1)
dB
-
2.0
3.0
Passband (relative to ILmin ) *1)
169.3 ~ 169.5 MHz
dB
-
0.4
3.0
Attenuation (relative to ILmin ) *1)
10.00 ~165.00
MHz
dB
30
44
-
170.6 ~175.00
MHz
dB
15
20
-
175.0 ~1000.0
MHz
dB
30
37
-
Source Impedance
ohm
50
Load Impedance
ohm
50
*1): The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Similar Part No. - TA1715A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1715A GOLLEDGE-TA1715A Datasheet
151Kb / 7P
   SAW Filter 169.40MHz
More results

Similar Description - TA1715A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1126A TAI-SAW-TB1126A Datasheet
146Kb / 7P
   980 MHz 80MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1125A TAI-SAW-TB1125A Datasheet
147Kb / 7P
   739 MHz 78MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1337A TAI-SAW-TB1337A Datasheet
411Kb / 8P
   149.3MHz 47.4MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1208A TAI-SAW-TB1208A Datasheet
201Kb / 8P
   149.64MHz 48MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1131A TAI-SAW-TB1131A Datasheet
111Kb / 7P
   192 MHz 60MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1328A TAI-SAW-TB1328A Datasheet
409Kb / 7P
   38.2 MHz 5MHz BW SMD 75.0 x 5.0 mm SAW IF Filter
TB1341A TAI-SAW-TB1341A Datasheet
363Kb / 7P
   127.5 MHz 20MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1312A TAI-SAW-TB1312A Datasheet
388Kb / 7P
   234.5MHz 160kHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1335A TAI-SAW-TB1335A Datasheet
369Kb / 7P
   230.4MHz 8.16MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1336A TAI-SAW-TB1336A Datasheet
374Kb / 7P
   328MHz 0.6MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com