Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1880BA02524S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF1880BA02524S
Description  1880 MHz SAW Filter 60 MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1880BA02524S Datasheet(HTML) 2 Page - API Technologies Corp

  SF1880BA02524S Datasheet HTML 1Page - API Technologies Corp SF1880BA02524S Datasheet HTML 2Page - API Technologies Corp SF1880BA02524S Datasheet HTML 3Page - API Technologies Corp SF1880BA02524S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1880 MHz SAW Filter
60 MHz Bandwidth
Part Number: SF1880BA02524S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF1880BA02524S Rev C 8-Apr-2010
ECN 36650
Page 2 of 4
C. FREQUENCY CHARACTERISTICS
Transfer function


Similar Part No. - SF1880BA02524S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
More results

Similar Description - SF1880BA02524S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
logo
TriQuint Semiconductor
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
856244 TRIQUINT-856244 Datasheet
557Kb / 6P
   1880 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1871B TAI-SAW-TA1871B Datasheet
495Kb / 9P
   SAW Filter 1880 MHz
logo
TriQuint Semiconductor
855849 TRIQUINT-855849_15 Datasheet
581Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856056 TRIQUINT-856056 Datasheet
444Kb / 6P
   1880 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2036E MURATA-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com