Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2133BA02661S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF2133BA02661S
Description  2132.5 MHz SAW Filter 45 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF2133BA02661S Datasheet(HTML) 3 Page - API Technologies Corp

  SF2133BA02661S Datasheet HTML 1Page - API Technologies Corp SF2133BA02661S Datasheet HTML 2Page - API Technologies Corp SF2133BA02661S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2132.5 MHz SAW Filter
45 MHz Bandwidth
Part Number SF2133BA02661S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF2133BA02661S
Rev X4 10-Jan-2011
Page 3 of 3
PACKAGE OUTLINE
ISO 9001
Registered
Package Material:
Body: Al
2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 m
min,
over a 1.3-8.9 m Ni
plating
Units: mm
Tolerances are
±0.15 mm except
where indicated.
Pad Configuration:
Input:
2
Output:
5
Ground:
All other pads
SUGGESTED FOOTPRINT
MARKING
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2011 All rights reserved.


Similar Part No. - SF2133BA02661S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF2133BA02661S SPECTRUM-SF2133BA02661S Datasheet
126Kb / 3P
   2132.5 MHz SAW Filter 45 MHz Bandwidth
More results

Similar Description - SF2133BA02661S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF2133BA02661S SPECTRUM-SF2133BA02661S Datasheet
126Kb / 3P
   2132.5 MHz SAW Filter 45 MHz Bandwidth
logo
RF Monolithics, Inc
SF2226E RFM-SF2226E Datasheet
806Kb / 5P
   2132.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2226E MURATA-SF2226E Datasheet
806Kb / 5P
   2132.5 MHz SAW Filter
logo
API Technologies Corp
SF1575BA02627S APITECH-SF1575BA02627S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 45 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02627S SPECTRUM-SF1575BA02627S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 45 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0756A TAI-SAW-TA0756A Datasheet
275Kb / 8P
   SAW Filter 2132.5 MHz SMD 3.0X3.0 mm
TF0212A TAI-SAW-TF0212A Datasheet
1Mb / 13P
   SAW DPX 1732.5/2132.5 MHz LTE Band 4 SMD 1.8X1.4 mm (BW=45 MHz)
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
   240 MHz SAW Filter 1.23 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
   130 MHz SAW Filter 18 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com