Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2442BA02648S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF2442BA02648S
Description  2441.8 MHz SAW Filter 120.5 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF2442BA02648S Datasheet(HTML) 3 Page - API Technologies Corp

  SF2442BA02648S Datasheet HTML 1Page - API Technologies Corp SF2442BA02648S Datasheet HTML 2Page - API Technologies Corp SF2442BA02648S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2441.8 MHz SAW Filter
120.5 MHz Bandwidth
Part Number: SF2442BA02648S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF2442BA02648S Rev X8 10-Feb-11
Page 3 of 3
PACKAGE OUTLINE
ISO 9001
Registered
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
Units: mm
Tolerances are
±0.15 mm except
where indicated.
Pad Configuration:
Input:
2
Output:
5
Ground:
All other pads
SUGGESTED FOOTPRINT
MARKING
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2011 All rights reserved.
Units: mm
Tolerances are typically
±0.15 mm
except where indicated.
Pad Configuration:
Input:
2
Output:
5
Ground:
All other pads
Package Material:
Body: Al
2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 m min,
over a 1.3-8.9 m Ni plating
SMI
2648
YYWW


Similar Part No. - SF2442BA02648S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
   2441.8 MHz SAW Filter 120.5 MHz Bandwidth
More results

Similar Description - SF2442BA02648S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
   2441.8 MHz SAW Filter 120.5 MHz Bandwidth
logo
TriQuint Semiconductor
855916 TRIQUINT-855916_15 Datasheet
363Kb / 6P
   2441.8 MHz SAW Filter
logo
RF Monolithics, Inc
SF2124E RFM-SF2124E Datasheet
918Kb / 5P
   2441.8 MHz SAW Filter
logo
TriQuint Semiconductor
855916 TRIQUINT-855916 Datasheet
493Kb / 5P
   2441.8 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2124E MURATA-SF2124E Datasheet
317Kb / 5P
   2441.8 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
   SAW Filter 2441.8 MHz for Bluetooth
TA0223C TAI-SAW-TA0223C Datasheet
259Kb / 8P
   SAW Filter 2441.8 MHz for Bluetooth
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
   SAW Filter 2441.8 MHz for Bluetooth
TA0532A TAI-SAW-TA0532A Datasheet
412Kb / 6P
   SAW Filter 2441.8 MHz SMD 3X3 mm
TA0223D TAI-SAW-TA0223D Datasheet
222Kb / 7P
   SAW Filter 2441.8 MHz 83.5MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com