Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT2907A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SBT2907A
Description  General purpose application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SBT2907A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SBT2907A Datasheet HTML 1Page - KODENSHI_AUK CORP. SBT2907A Datasheet HTML 2Page - KODENSHI_AUK CORP. SBT2907A Datasheet HTML 3Page - KODENSHI_AUK CORP. SBT2907A Datasheet HTML 4Page - KODENSHI_AUK CORP. SBT2907A Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T5C053-002
1
SBT2907A
PNP Silicon Transistor
PIN Connection
SOT-23
Descriptions
• General purpose application
• Switching application
Features
• Low Leakage current
• Low collector saturation voltage enabling
low voltage operation
• Complementary pair with SBT2222A
Ordering Information
Type NO.
Marking
Package Code
SBT2907A
2F □
① ②
SOT-23
Device Code ② Year&Week Code
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-60
V
Collector-Emitter voltage
VCEO
-60
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-0.6
A(DC)
ICP*
-1.2
A(Pulse)
Collector dissipation
PC**
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
** : Package mounted on 99.5% alumina 10
×8×0.6mm
1
2
3


Similar Part No. - SBT2907A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBT2907A AUK-SBT2907A Datasheet
191Kb / 4P
   PNP Silicon Transistor
SBT2907A AUK-SBT2907A Datasheet
193Kb / 4P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SBT2907A KODENSHI-SBT2907A Datasheet
289Kb / 5P
   PNP Silicon Transistor
logo
AUK corp
SBT2907AF AUK-SBT2907AF Datasheet
190Kb / 4P
   PNP Silicon Transistor
SBT2907AF AUK-SBT2907AF Datasheet
192Kb / 4P
   PNP Silicon Transistor
More results

Similar Description - SBT2907A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
   General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
   General purpose application
logo
New Jersey Semi-Conduct...
2SB512 NJSEMI-2SB512 Datasheet
132Kb / 1P
   GENERAL PURPOSE APPLICATION
logo
KODENSHI_AUK CORP.
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com