Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1213P Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1213P
Description  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1213P Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS1213P Datasheet HTML 3Page - Burr-Brown (TI) ADS1213P Datasheet HTML 4Page - Burr-Brown (TI) ADS1213P Datasheet HTML 5Page - Burr-Brown (TI) ADS1213P Datasheet HTML 6Page - Burr-Brown (TI) ADS1213P Datasheet HTML 7Page - Burr-Brown (TI) ADS1213P Datasheet HTML 8Page - Burr-Brown (TI) ADS1213P Datasheet HTML 9Page - Burr-Brown (TI) ADS1213P Datasheet HTML 10Page - Burr-Brown (TI) ADS1213P Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ADS1212, 1213
7
SBAS064A
TYPICAL PERFORMANCE CURVES
At TA = +25°C, AVDD = DVDD = +5V, fXIN = 1MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled, VBIAS disabled, and external
2.5V reference, unless otherwise noted.
24
22
20
18
16
14
12
10
8
EFFECTIVE RESOLUTION vs DATA RATE
(1MHz Clock)
Data Rate (Hz)
1
10
100
1k
PGA 1
PGA 4
PGA 2
PGA 16
PGA 8
24
22
20
18
16
14
12
10
8
EFFECTIVE RESOLUTION vs DATA RATE
(2.5MHz Clock)
Data Rate (Hz)
1
10
100
1k
PGA 1
PGA 2
PGA 4
PGA 16
PGA 8
LINEARITY vs TEMPERATURE
(60Hz Data Rate)
Analog Input Differential Voltage (V)
–5
–4
–3
–2
–1
0
12
34
5
8
6
4
2
0
–2
–4
–6
–40°C
+25°C
+85°C
24
22
20
18
16
14
12
EFFECTIVE RESOLUTION vs DATA RATE
(1MHz Clock)
Data Rate (Hz)
1
10
100
1k
Turbo 1
Turbo 2
Turbo 4
Turbo 8
Turbo 16
24
22
20
18
16
14
12
EFFECTIVE RESOLUTION vs DATA RATE
(2.5MHz Clock)
Data Rate (Hz)
1
10
100
1k
Turbo 1
Turbo 2
Turbo 4
Turbo 16
Turbo 8
RMS NOISE vs INPUT VOLTAGE LEVEL
(60Hz Data Rate)
Analog Input Differential Voltage (V)
–5.0 –4.0 –3.0 –2.0 –1.0
0
1.0
2.0
3.0
4.0
5.0
14
12
10
8
6
4


Similar Part No. - ADS1213P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1213P TI1-ADS1213P Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213PG4 TI1-ADS1213PG4 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1213P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com