Electronic Components Datasheet Search |
|
T491D157M006AH Datasheet(PDF) 1 Page - Kemet Corporation |
|
T491D157M006AH Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2005_T491 • 2/3/2014 1 One world. One KEMET Benefits • Meets or exceeds EIA Standard 535BAAC • Taped and reeled per EIA 481–1 • Symmetrical, compliant terminations • Optional gold-plated terminations • Laser-marked case • 100% surge current test on C, D, E, U, V, X sizes • Halogen free epoxy • Capacitance 0.1 µF to 1,000 µF • Tolerance ±10%, ±20% • Voltage 2.5 – 50 VDC • Extended range values • Lowprofilecasesizes • RoHS Compliant and lead-free terminations (See www.kemet.com for transition information) • Operating temperature: -55ºC to +125ºC Applications Typicalapplicationsincludedecouplingandfilteringinindustrial and automotive end applications such as DC/DC converters, portable electronics, telecommunications, and control units. Overview TheKEMETT491Series,designedspecificallyfortoday’shighly automated surface mount processes and equipment, is the leading choice for surface mount designs. The T491 combines KEMET’sprovensolidtantalumtechnology,acclaimedand respected throughout the world, with the latest in materials, processes and automation, resulting in unsurpassed total performance and value. This product meets or exceeds the requirementsofEIAstandard535BAAC.Thisseriesisclassified as MSL (Mositure Sensitivity Level) 1 under J STD 020: unlimited floorlifetimeat≤30°C/85%RH.TheT491standardterminations are available in 100% matte tin and provide excellent wetting characteristics and compatibility with today's surface mount solder systems. Tin/lead (Sn/Pb) terminations are available upon request for any part number. Gold-plated terminations are also available for use with conductive epoxy attachment processes. Standard packaging of these devices is tape and reel in accordance with EIA 481-1. This system provides perfect compatibility with all tape- fed placement units. Tantalum Surface Mount Capacitors – Standard Tantalum T491 Industrial Grade MnO 2 Series Environmental Compliance RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder. |
Similar Part No. - T491D157M006AH |
|
Similar Description - T491D157M006AH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |