Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ244 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ244
Description  Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ244 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ244 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010235
www.fairchildsemi.com
July 1989
Revised November 1999
74ACQ244 • 74ACTQ244
Quiet Series
 Octal Buffer/Line Driver
with 3-STATE Outputs
General Description
The ACQ/ACTQ244 is an octal buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver which
provides improved PC board density. The ACQ/ACTQ uti-
lizes Fairchild Quiet Series
 technology to guarantee quiet
output switching and improved dynamic threshold perfor-
mance. FACT Quiet Series
 features GTO output control
and undershoot corrector in addition to a split ground bus
for superior performance.
Features
s ICC and IOZ reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs source/sink 24 mA
s Faster prop delays than the standard AC/ACT244
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
FACT
, Quiet Series, FACT Quiet Series, and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACQ244SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACQ244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACQ244PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACTQ244SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ244QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide
74ACTQ244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ244PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0–I 7
Inputs
O0–O 7
Outputs


Similar Part No. - 74ACTQ244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ244 FAIRCHILD-74ACTQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244 FAIRCHILD-74ACTQ244 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ244D NSC-74ACTQ244D Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
74ACTQ244F NSC-74ACTQ244F Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
74ACTQ244L NSC-74ACTQ244L Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 74ACTQ244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com