Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0186A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0186A
Description  70MHz SAW IF Filter (BW=20MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0186A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0186A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0186A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0186A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0186A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. Measurement Circuit:
For 50 ohm Unbalanced Input and Output
33 pF
39 pF
50Ω
Network analyzer
50Ω
SAW Filter
130 uH
120 uH
KE
A,B,C,D,F,G,H,I,J,L
E. Outline Drawing:
Pin K: RF Input
Pin E: RF Output
Pin L: Input Ground
Pin F: Output Ground
Pin A, B, C, D, G, H, I, J: To be Ground
: Date code


Similar Part No. - TB0186A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0186A GOLLEDGE-TB0186A Datasheet
102Kb / 3P
   70.0MHz SAW Filter
More results

Similar Description - TB0186A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A43 SIPAT-LBN70A43 Datasheet
141Kb / 4P
   70MHz IF SAW Filter 20MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0474A TAI-SAW-TB0474A Datasheet
246Kb / 7P
   70MHz IF SAW Filter (BW=35 MHz)
TB0228A TAI-SAW-TB0228A Datasheet
380Kb / 4P
   70MHz IF SAW Filter (BW=1.4 MHz)
TB0227A TAI-SAW-TB0227A Datasheet
360Kb / 4P
   70MHz IF SAW Filter (BW=1.1 MHz)
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0788A TAI-SAW-TB0788A Datasheet
370Kb / 7P
   IF SAW Filter 256.36MHz(BW=20MHz) SMD 5X7mm
TB0772A TAI-SAW-TB0772A Datasheet
399Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0789A TAI-SAW-TB0789A Datasheet
360Kb / 7P
   IF SAW Filter 307.36MHz(BW=20MHz) SMD 5X7mm
TB0896A TAI-SAW-TB0896A Datasheet
402Kb / 7P
   IF SAW Filter 288MHz(BW=20MHz) SMD 5X5mm
TB0195A TAI-SAW-TB0195A Datasheet
385Kb / 4P
   Low-Loss 70MHz IF SAW Filter (BW=3.0MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com