Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32529C0333K Datasheet(PDF) 5 Page - EPCOS

Part # B32529C0333K
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0333K Datasheet(HTML) 5 Page - EPCOS

  B32529C0333K Datasheet HTML 1Page - EPCOS B32529C0333K Datasheet HTML 2Page - EPCOS B32529C0333K Datasheet HTML 3Page - EPCOS B32529C0333K Datasheet HTML 4Page - EPCOS B32529C0333K Datasheet HTML 5Page - EPCOS B32529C0333K Datasheet HTML 6Page - EPCOS B32529C0333K Datasheet HTML 7Page - EPCOS B32529C0333K Datasheet HTML 8Page - EPCOS B32529C0333K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Ordering codes and packing units (lead spacing 5 mm)
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
50
32
0.33
3.0
× 6.5 × 7.2
B32529C5334+***
2700
2400
2000
0.47
3.5
× 8.0 × 7.2
B32529C5474+***
2300
2000
2000
0.68
4.5
× 9.5 × 7.3
B32529C5684+***
1800
1500
1500
1.0
4.5
× 9.5 × 7.3
B32529C5105+***
1800
1500
1500
1.5
6.0
× 10.5 × 7.5
B32529C5155+***
1300
1100
1000
2.2
7.8
× 13.0 × 7.8
B32529D5225+***
1000
800
1000
3.3
7.8
× 13.0 × 7.8
B32529D5335+***
1000
800
1000
63
40
0.0010
2.5
× 6.5 × 7.2
B32529C0102+***
3200
2800
2000
0.0015
2.5
× 6.5 × 7.2
B32529C0152+***
3200
2800
2000
0.0022
2.5
× 6.5 × 7.2
B32529C0222+***
3200
2800
2000
0.0033
2.5
× 6.5 × 7.2
B32529C0332+***
3200
2800
2000
0.0047
2.5
× 6.5 × 7.2
B32529C0472+***
3200
2800
2000
0.0068
2.5
× 6.5 × 7.2
B32529C0682+***
3200
2800
2000
0.010
2.5
× 6.5 × 7.2
B32529C0103+***
3200
2800
2000
0.015
2.5
× 6.5 × 7.2
B32529C0153+***
3200
2800
2000
0.022
2.5
× 6.5 × 7.2
B32529C0223+***
3200
2800
2000
0.033
2.5
× 6.5 × 7.2
B32529C0333+***
3200
2800
2000
0.047
2.5
× 6.5 × 7.2
B32529C0473+***
3200
2800
2000
0.068
2.5
× 6.5 × 7.2
B32529C0683+***
3200
2800
2000
0.10
2.5
× 6.5 × 7.2
B32529C0104+***
3200
2800
2000
0.15
2.5
× 6.5 × 7.2
B32529C0154+***
3200
2800
2000
0.22
2.5
× 6.5 × 7.2
B32529C0224+***
3200
2800
2000
0.33
3.0
× 6.5 × 7.2
B32529C0334+***
2700
2400
2000
0.47
3.5
× 8.0 × 7.2
B32529C0474+***
2300
2000
2000
0.68
4.5
× 9.5 × 7.3
B32529C0684+***
1800
1500
1500
1.0
4.5
× 9.5 × 7.3
B32529C0105+***
1800
1500
1500
1.5
6.0
× 10.5 × 7.5
B32529C0155+***
1300
1100
1000
2.2
7.8
× 13.0 × 7.8
B32529D0225+***
1000
800
1000
B32529
General purpose (stacked)
5


Similar Part No. - B32529C0333K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0333K000 EPCOS-B32529C0333K000 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0333K189 EPCOS-B32529C0333K189 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0333K289 EPCOS-B32529C0333K289 Datasheet
887Kb / 45P
   Film Capacitors
B32529C0333K289 EPCOS-B32529C0333K289 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32529C0333K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com