Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32529C0334K Datasheet(PDF) 11 Page - EPCOS

Part # B32529C0334K
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0334K Datasheet(HTML) 11 Page - EPCOS

Back Button B32529C0334K Datasheet HTML 7Page - EPCOS B32529C0334K Datasheet HTML 8Page - EPCOS B32529C0334K Datasheet HTML 9Page - EPCOS B32529C0334K Datasheet HTML 10Page - EPCOS B32529C0334K Datasheet HTML 11Page - EPCOS B32529C0334K Datasheet HTML 12Page - EPCOS B32529C0334K Datasheet HTML 13Page - EPCOS B32529C0334K Datasheet HTML 14Page - EPCOS B32529C0334K Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
∇ Wound capacitor technology
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
63
40
0.47
4.0
× 7.0 × 13.0 B32521C0474+*** 1000
1700
1000
0.68
4.0
× 7.0 × 13.0 B32521C0684+*** 1000
1700
1000
1.0
4.0
× 9.0 × 13.0 B32521C0105+*** 1000
1700
1000
1.5
5.0
× 11.0 × 13.0 B32521C0155+***
830
1300
1000
2.2
5.0
× 11.0 × 13.0 B32521C0225+***
830
1300
1000
3.3
6.0
× 12.0 × 13.0 B32521C0335+***
680
1100
1000
100
63
0.10
4.0
× 7.0 × 13.0 B32521C1104+*** 1000
1700
1000
0.15
4.0
× 7.0 × 13.0 B32521C1154+*** 1000
1700
1000
0.22
4.0
× 7.0 × 13.0 B32521C1224+*** 1000
1700
1000
0.33
4.0
× 7.0 × 13.0 B32521C1334+*** 1000
1700
1000
0.47
4.0
× 9.0 × 13.0 B32521C1474+*** 1000
1700
1000
0.68
5.0
× 11.0 × 13.0 B32521C1684+***
830
1300
1000
1.0
6.0
× 12.0 × 13.0 B32521C1105+***
680
1100
1000
250
160
0.033
4.0
× 7.0 × 13.0 B32521C3333+*** 1000
1700
1000
0.047
4.0
× 7.0 × 13.0 B32521C3473+*** 1000
1700
1000
0.068
4.0
× 7.0 × 13.0 B32521C3683+*** 1000
1700
1000
0.10
4.0
× 7.0 × 13.0 B32521C3104+*** 1000
1700
1000
0.15
4.0
× 9.0 × 13.0 B32521C3154+*** 1000
1700
1000
0.22
5.0
× 11.0 × 13.0 B32521C3224+***
830
1300
1000
0.33
5.0
× 11.0 × 13.0 B32521C3334+***
830
1300
1000
0.47
6.0
× 12.0 × 13.0 B32521C3474+***
680
1100
1000
400
200
0.010
4.0
× 7.0 × 13.0 B32521C6103+*** 1000
1700
1000
0.015
4.0
× 7.0 × 13.0 B32521C6153+*** 1000
1700
1000
0.022
4.0
× 7.0 × 13.0 B32521C6223+*** 1000
1700
1000
0.033
4.0
× 9.0 × 13.0 B32521C6333+*** 1000
1700
1000
0.047
5.0
× 11.0 × 13.0 B32521C6473+***
830
1300
1000
0.068
5.0
× 11.0 × 13.0 B32521C6683+***
830
1300
1000
0.10
6.0
× 12.0 × 13.0 B32521C6104+***
680
1100
1000
B32521
General purpose (stacked/wound)
11


Similar Part No. - B32529C0334K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0334K289 EPCOS-B32529C0334K289 Datasheet
887Kb / 45P
   Film Capacitors
More results

Similar Description - B32529C0334K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com