Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7808 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7808
Description  12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7808 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7808 Datasheet HTML 1Page - Burr-Brown (TI) ADS7808 Datasheet HTML 2Page - Burr-Brown (TI) ADS7808 Datasheet HTML 3Page - Burr-Brown (TI) ADS7808 Datasheet HTML 4Page - Burr-Brown (TI) ADS7808 Datasheet HTML 5Page - Burr-Brown (TI) ADS7808 Datasheet HTML 6Page - Burr-Brown (TI) ADS7808 Datasheet HTML 7Page - Burr-Brown (TI) ADS7808 Datasheet HTML 8Page - Burr-Brown (TI) ADS7808 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
®
ADS7808
FIGURE 1. Basic Conversion Timing.
MODE Acquire
t
4
t
5
t
1
t
3
t
7
t
6
Convert
Acquire
t
2
BUSY
CS, R/C
TABLE II. Conversion and Data Timing TA = –40°C to
+85
°C.
FIGURE 2. Serial Data Timing Using Internal Clock. (CS, EXT/INT and TAG Tied LOW.)
SYMBOL
DESCRIPTION
MIN
TYP
MAX UNITS
t1
Convert Pulse Width
40
4500
ns
t2
BUSY Delay
65
ns
t3
BUSY LOW
8
µs
t4
BUSY Delay after
220
ns
End of Conversion
t5
Aperture Delay
40
ns
t6
Conversion Time
5.7
8
µs
t7
Acquisition Time
2
µs
t6 + t7
Throughput Time
9
10
µs
t8
R/C LOW to DATACLK Delay
450
ns
t9
DATACLK Period
440
ns
t10
Data Valid to DATACLK
20
75
ns
HIGH Delay
t11
Data Valid after
100
125
ns
DATACLK LOW Delay
t12
External DATACLK Period
100
ns
t13
External DATACLK HIGH
20
ns
t14
External DATACLK LOW
30
ns
t15
DATACLK HIGH
20
t12 + 5
ns
Setup Time
t16
R/C to CS
10
ns
Setup Time
t17
SYNC Delay After
15
35
ns
DATACLK HIGH
t18
Data Valid Delay
25
55
ns
t19
CS to Rising Edge Delay
25
ns
t20
Data Available after CS LOW
4.5
µs
1
MSB Valid
R/C
DATACLK
SDATA
t
8
t
11
t
10
t
9
2
3
11
12
Bit 10 Valid
Bit 1 Valid
Bit 9 Valid
LSB Valid
t
2
t
3
BUSY


Similar Part No. - ADS7808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808P BURR-BROWN-ADS7808P Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808PB BURR-BROWN-ADS7808PB Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808U BURR-BROWN-ADS7808U Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808U/1K BURR-BROWN-ADS7808U/1K Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com