Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # GAL16V8
Description  High Performance E2CMOS PLD Generic Array Logic?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8 Datasheet(HTML) 3 Page - Lattice Semiconductor

  GAL16V8 Datasheet HTML 1Page - Lattice Semiconductor GAL16V8 Datasheet HTML 2Page - Lattice Semiconductor GAL16V8 Datasheet HTML 3Page - Lattice Semiconductor GAL16V8 Datasheet HTML 4Page - Lattice Semiconductor GAL16V8 Datasheet HTML 5Page - Lattice Semiconductor GAL16V8 Datasheet HTML 6Page - Lattice Semiconductor GAL16V8 Datasheet HTML 7Page - Lattice Semiconductor GAL16V8 Datasheet HTML 8Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications GAL16V8D-7/10/883
3
tpd
A
Input or I/O to Combinational Output
1
7.5
2
10
ns
tco
A
Clock to Output Delay
1617
ns
tcf2
Clock to Feedback Delay
6
7
ns
tsu
Setup Time, Input or Feedback before Clock↑
7—
10
ns
th
Hold Time, Input or Feedback after Clock↑
0—
0—
ns
A
Maximum Clock Frequency with
76.9
58.8
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
76.9
58.8
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
100
62.5
MHz
No Feedback
twh
Clock Pulse Duration, High
5
8
ns
twl
Clock Pulse Duration, Low
5
8
ns
ten
B
Input or I/O to Output Enabled
1
9
10
ns
B
OE to Output Enabled
1
7
10
ns
tdis
C
Input or I/O to Output Disabled
1
9
10
ns
C
OE to Output Disabled
1
7
10
ns
PARAMETER
UNITS
TEST
COND1.
DESCRIPTION
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
10
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
10
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
-10
MIN. MAX.
-7
MIN. MAX.
Capacitance (T
A = 25°C, f = 1.0 MHz)
AC Switching Characteristics
Over Recommended Operating Conditions


Similar Part No. - GAL16V8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
logo
STMicroelectronics
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
736Kb / 14P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
810Kb / 15P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com