Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7807U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7807U
Description  Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7807U Datasheet HTML 4Page - Burr-Brown (TI) ADS7807U Datasheet HTML 5Page - Burr-Brown (TI) ADS7807U Datasheet HTML 6Page - Burr-Brown (TI) ADS7807U Datasheet HTML 7Page - Burr-Brown (TI) ADS7807U Datasheet HTML 8Page - Burr-Brown (TI) ADS7807U Datasheet HTML 9Page - Burr-Brown (TI) ADS7807U Datasheet HTML 10Page - Burr-Brown (TI) ADS7807U Datasheet HTML 11Page - Burr-Brown (TI) ADS7807U Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADS7807
8
SBAS022B
www.ti.com
HEX
HEX
BINARY CODE
CODE
BINARY CODE
CODE
+Full-Scale (FS – 1LSB)
9.999695V
4.999924V
3.999939V
0111 1111 1111 1111
7FFF
1111 1111 1111 1111
FFFF
Midscale
0V
2.5V
2V
0000 0000 0000 0000
0000
1000 0000 0000 0000
8000
One LSB Below Midscale
–305
µV
2.499924V
1.999939V
1111 1111 1111 1111
FFFF
0111 1111 1111 1111
7FFF
–Full-Scale
–10V
0V
0V
1000 0000 0000 0000
8000
0000 0000 0000 0000
0000
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion ‘n’. Databus remains
in Hi-Z state.
0
1
Initiates conversion ‘n’. Databus enters Hi-Z
state.
01
Conversion ‘n’ completed. Valid data from
conversion ‘n’ on the databus.
1
1
Enables databus with valid data from
conversion ‘n’.
1
0
Enables databus with valid data from
conversion ‘n – 1’(1). Conversion n in progress.
0
0
Enables databus with valid data from
conversion ‘n – 1’(1). Conversion ‘n’ in progress.
00
New conversion initiated without acquisition
of a new signal. Data will be invalid. CS and/or
R/C must be HIGH when BUSY goes HIGH.
X
X
0
New convert commands ignored. Conversion
‘n’ in progress.
NOTE: (1) See Figures 2 and 3 for constraints on data valid from
conversion ‘n – 1’.
The ADS7807 will begin tracking the input signal at the end
of the conversion. Allowing 25
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Tables II and III for a summary of CS , R/C, and BUSY states,
and Figures 2 through 6 for timing diagrams.
CS and R/C are internally OR’ed and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If, however, it is critical that CS or R/C
initiates conversion ‘n’, be sure the less critical input is LOW
at least 10ns prior to the initiating input. If EXT/INT (pin 8) is
LOW when initiating conversion ‘n’, serial data from conver-
sion ‘n – 1’ will be output on SDATA (pin 19) following the
start of conversion ‘n’. See Internal Data Clock in the Read-
ing Data section.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. This will
have no effect when using the internal data clock in the serial
output mode. The parallel output and the serial output (only
when using an external data clock), however, will be affected
whenever R/C goes HIGH. Refer to the Reading Data
section.
READING DATA
The ADS7807 outputs serial or parallel data in Straight Binary
(SB) or Binary Two’s Complement data output format. If
SB/BTC (pin 7) is HIGH, the output will be in SB format, and
if LOW, the output will be in BTC format. Refer to Table IV for
ideal output codes.
The parallel output can be read without affecting the internal
output registers; however, reading the data through the serial
port will shift the internal output registers one bit per data
CS
R/C
BUSY
EXT/INT
DATACLK
OPERATION
0
1
0
Output
Initiates conversion ‘n’. Valid data from conversion ‘n – 1’ clocked out on SDATA.
0
1
0
Output
Initiates conversion ‘n’. Valid data from conversion ‘n – 1’ clocked out on SDATA.
0
1
1
Input
Initiates conversion ‘n’. Internal clock still runs conversion process.
0
1
1
Input
Initiates conversion ‘n’. Internal clock still runs conversion process.
1
1
1
Input
Conversion ‘n’ completed. Valid data from conversion ‘n’ clocked out on SDATA synchronized
to external data clock.
1
0
1
Input
Valid data from conversion ‘n – 1’ output on SDATA synchronized to external data clock.
Conversion ‘n’ in progress.
0
0
1
Input
Valid data from conversion ‘n – 1’ output on SDATA synchronized to external data clock.
Conversion ‘n’ in progress.
00
X
X
New conversion initiated without acquisition of a new signal. Data will be invalid. CS and/or R/C
must be HIGH when BUSY goes HIGH.
X
X
0
X
X
New convert commands ignored. Conversion ‘n’ in progress.
NOTE: (1) See Figures 4, 5, and 6 for constraints on data valid from conversion “n-1”.
TABLE III. Control Functions When Using Serial Output.
TABLE IV. Output Codes and Ideal Input Voltages.
TABLE III. Control Functions When Using Parallel Output
(DATACLK tied LOW, EXT/INT tied HIGH).
BINARY TWO’S COMPLEMENT
STRAIGHT BINARY
(SB/BTC LOW)
(SB/BTC HIGH)
DIGITAL OUTPUT
DESCRIPTION
ANALOG INPUT
Full-Scale Range
±10
0V to 5V
0V to 4V
Least Significant Bit (LSB)
305
µV76µV61µV


Similar Part No. - ADS7807U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807U BURR-BROWN-ADS7807U Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U BURR-BROWN-ADS7807U Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U/1K BURR-BROWN-ADS7807U/1K Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U/1K BURR-BROWN-ADS7807U/1K Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U/1KE4 BURR-BROWN-ADS7807U/1KE4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7807U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com