Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK041A66B600W Datasheet(PDF) 1 Page - Meder Electronic

Part # MK041A66B600W
Description  REED SENSOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK041A66B600W Datasheet(HTML) 1 Page - Meder Electronic

  MK041A66B600W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!
"#
$%%
&
'(
)"
*+ ,$)*
-.&"
!"#
,!/
(",#
"01(2""#34
"56"758
(""9
1():(
&"979
1():(
&"9&
1():(
;6"9"
;6$<77
"7
","
)=-9#2"#
>"9
;6
(
)06"
"9&"
$%&
2"7
/&"9&
27
/&"9&
9&
'
(
#2
(20&
)3(
(2
?$
("@AB
)
72?"
+""97
1;6"9"20""9""
""97
+9"0"7;"2
""97
;+%
/
1:
/
96""9.
+#""6"#6"&97
C(>-! -!
D)))CE1/
$
*+
19"20
C(6"9
19"
C(6"920
$
-FE- (>
=C-G>/FFE
&&720
&&720
$
&&7
&&7


Similar Part No. - MK041A66B600W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK041A66B10000W MEDER-MK041A66B10000W Datasheet
212Kb / 1P
   REED SENSOR
MK041A66B1000W MEDER-MK041A66B1000W Datasheet
213Kb / 1P
   REED SENSOR
MK041A66B1200W MEDER-MK041A66B1200W Datasheet
123Kb / 1P
   REED SENSOR
MK041A66B1300W MEDER-MK041A66B1300W Datasheet
123Kb / 1P
   REED SENSOR
MK041A66B1800W MEDER-MK041A66B1800W Datasheet
214Kb / 1P
   REED SENSOR
More results

Similar Description - MK041A66B600W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
9118393054 MEDER-9118393054 Datasheet
103Kb / 2P
   Reed sensor
9221350042 MEDER-9221350042 Datasheet
127Kb / 2P
   Reed sensor
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000021 MEDER-9240000021 Datasheet
179Kb / 3P
   Reed sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com