Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7248AAR Datasheet(PDF) 2 Page - Analog Devices

Part # AD7248AAR
Description  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7248AAR Datasheet(HTML) 2 Page - Analog Devices

  AD7248AAR Datasheet HTML 1Page - Analog Devices AD7248AAR Datasheet HTML 2Page - Analog Devices AD7248AAR Datasheet HTML 3Page - Analog Devices AD7248AAR Datasheet HTML 4Page - Analog Devices AD7248AAR Datasheet HTML 5Page - Analog Devices AD7248AAR Datasheet HTML 6Page - Analog Devices AD7248AAR Datasheet HTML 7Page - Analog Devices AD7248AAR Datasheet HTML 8Page - Analog Devices AD7248AAR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
A
2
B
2
T
2
Parameter
Version
Version
Version
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
12
12
12
Bits
Relative Accuracy @ 25
°C3
±3/4
±1/2
±1/2
LSB max
TMIN to TMAX
±1
±3/4
±3/4
LSB max
TMIN to TMAX
±1/2
LSB max
VDD = 15 V
± 10%
Differential Nonlinearity
3
±1
±1
±1
LSB max
Guaranteed Monotonic
Unipolar Offset Error @ 25
°C3
±3
±3
±3
LSB max
VSS = 0 V or –12 V to –15 V
4
TMIN to TMAX
±5
±5
±5
LSB max
Typical Tempco is
±3 ppm of FSR5/°C.
Bipolar Zero Error @ 25
°C3
±3
±2
±2
LSB max
ROFS connected to REF OUT; VSS = –12 V to –15 V
4
TMIN to TMAX
±5
±4
±4
LSB max
Typical Tempco is
±3 ppm of FSR5/°C.
DAC Gain Error
3, 6
±2
±2
±2
LSB max
Full-Scale Output Voltage Error
7 @ 25
°C ±0.2
±0.2
±0.2
% of FSR max
VDD = 15 V
∆Full Scale/∆VDD
±0.06
±0.06
±0.06
% of FSR/V max
VDD = +12 V to +15 V
4
∆Full Scale/∆VSS
±0.01
±0.01
±0.01
% of FSR/V max
VSS = –12 V to –15 V
4
Full-Scale Temperature Coefficient
8
±40
±30
±40
ppm of FSR/
°C max V
DD = 15 V
REFERENCE OUTPUT
REF OUT @ 25
°C
4.99/5.01 4.99/5.01
4.99/5.01 V min/V max
VDD = 15 V
∆REF OUT/∆VDD
2
2
2
mV/V max
VDD = 12 V to 15 V
4
Reference Temperature Coefficient
±25
±25
±35
ppm/
°C typ
Reference Load Change
(
∆REF OUT vs. ∆I)
–1
–1
–1
mV max
Reference Load Current Change (0–100
µA)
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance
9
8
8
8
pF max
ANALOG OUTPUTS
Output Range Resistors
15/30
15/30
15/30
k
Ω min/kΩ max
Output Voltage Ranges
10
5, 10
5, 10
5, 10
V
VSS = 0 V; Pin Strappable
5, 10,
5, 10,
5, 10,
VSS = –12 V to –15 V;
4 Pin Strappable
±5
±5
±5V
DC Output Impedance
0.5
0.5
0.5
Ω typ
AC CHARACTERISTICS
9
Voltage Output Settling Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
7
7
10
µs max
DAC Latch All 0s to All 1s
Negative Full-Scale Change
7
7
10
µs max
DAC Latch All 1s to All 0s; VSS = –12 V to –15 V
4
Output Voltage Slew Rate
2
2
1.5
V/
µs min
Digital Feedthrough
3
10
10
10
nV-s typ
Digital-to-Analog Glitch Impulse
30
30
30
nV-s typ
POWER REQUIREMENTS
VDD
+10.8/
+10.8/
+10.8/
V min/
For Specified Performance Unless Otherwise Stated
+16.5
+16.5
+16.5
V max
VSS
–10.8/
–10.8/
–10.8/
V min/
For Specified Performance Unless Otherwise Stated
–16.5
–16.5
–16.5
V max
IDD @ 25
°C
9
9
9
mA max
Output Unloaded; Typically 5 mA
TMlN to TMAX
10
10
12
mA max
Output Unloaded
ISS (Dual Supplies)
3
3
5
mA max
Output Unloaded; Typically 2 mA
NOTES
1Power supply tolerance is
±10%.
2Temperature ranges are as follows: A/B Versions; –40
°C to +85°C; T Version; –55°C to +125°C.
3See Terminology.
4With appropriate power supply tolerances.
5FSR means Full-Scale Range and is 5 V for the 0 V to 5 V output range and 10 V for both the 0 V to 10 V and
± 5 V output ranges.
6This error is calculated with respect to the reference voltage and is measured after the offset error has been allowed for.
7This error is calculated with respect to an ideal 4.9988 V on the 0 V to 5 V and
±5 V ranges; it is calculated with respect to an ideal 9.9976 V on the 0 V to 10 V
range. It includes the effects of internal voltage reference, gain and offset errors.
8Full-Scale TC =
∆FS/∆T, where ∆FS is the full-scale change from T
A = 25
°C to T
MIN or TMAX.
9Guaranteed by design and characterization, not production tested.
100 V to 10 V output range is available only when V
DD
≥ +14.25 V.
Specifications subject to change without notice.
AD7245A/AD7248A–SPECIFICATIONS
REV. B
–2–
(VDD = +12 V to +15 V,
1 V
SS = O V or –12 V to –15 V,
1
AGND = DGND = O V, RL = 2 k , CL = 100 pF. All specifications TMIN to TMAX unless otherwise noted.)


Similar Part No. - AD7248AAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7248AAR AD-AD7248AAR Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7248AAR AD-AD7248AAR Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7248AAR AD-AD7248AAR Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

Similar Description - AD7248AAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com