Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08052C103JAT9A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08052C103JAT9A
Description  X7R Dielectric General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103JAT9A Datasheet(HTML) 3 Page - AVX Corporation

  08052C103JAT9A Datasheet HTML 1Page - AVX Corporation 08052C103JAT9A Datasheet HTML 2Page - AVX Corporation 08052C103JAT9A Datasheet HTML 3Page - AVX Corporation 08052C103JAT9A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
18
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
16
25
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
Cap
100
A
A
A
(pF)
150
A
A
A
220
A
A
A
C
330
A
A
A
C
G
G
G
JJJJJJ
K
470
A
A
C
G
G
G
JJJJJJ
K
680
A
A
C
G
G
G
JJJJJJ
K
1000
A
A
C
G
G
G
JJJJJJ
K
1500
A
C
G
G
JJJJJJ
JJJJJJ
M
2200
A
C
G
G
JJJJJJ
JJJJJJ
M
3300
A
C
C
G
G
JJJJJJ
JJJJJJ
M
4700
A
C
C
G
G
JJJJJJ
JJJJJJ
M
6800
A
C
C
G
G
JJJJJJ
JJJJJJ
P
Cap
0.010
A
C
C
G
G
JJJJJJ
JJJJJJ
P
(μF
0.015
C
G
G
JJJJJJ
JJJJJ
M
0.022
C
G
G
JJJJJ
N
JJJJJ
M
0.033
G
G
JJJJ
N
JJJJJ
M
0.047
G
G
G
JJJJ
N
JJJJJ
M
0.068
G
G
G
JJJJ
N
JJJJJ
P
0.10
GGGG
JJJJ
N
JJJJ
M
P
0.15
G
G
J
J
J
N
JJJJ
Q
0.22
G
G
J
J
J
N
N
JJJJ
Q
0.33
NNNN
J
J
M
P
Q
0.47
NNNN
M
M
M
P
Q
0.68
NNN
M
M
Q
Q
Q
1.0
J
J
N
N
N
M
M
Q
Q
Q
1.5
PQ
Q
2.2
J
P
Q
Q
Q
3.3
4.7
P
P
QQQ
10
PQ
Q
22
Q
47
100
WVDC
10
16
25
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
SIZE
0201
0402
0603
0805
1206
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
= Under Development


Similar Part No. - 08052C103JAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052C103JAT9A AVX-08052C103JAT9A Datasheet
338Kb / 20P
   General Specifications
08052C103JAT9A AVX-08052C103JAT9A Datasheet
282Kb / 18P
   Dielectric General Specifications
08052C103JAT9A AVX-08052C103JAT9A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08052C103JAT9A AVX-08052C103JAT9A Datasheet
131Kb / 4P
   General Specifications
More results

Similar Description - 08052C103JAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12065C105MAT2A AVX-12065C105MAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C152KAT2A AVX-06035C152KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C153KAT2A AVX-06035C153KAT2A Datasheet
120Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com