Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0402FRNPO7BN330 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # CC0402FRNPO7BN330
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0402FRNPO7BN330 Datasheet(HTML) 5 Page - YAGEO Corporation

  CC0402FRNPO7BN330 Datasheet HTML 1Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 2Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 3Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 4Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 5Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 6Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 7Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 8Page - YAGEO Corporation CC0402FRNPO7BN330 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.yageo.com
Aug 05, 2011 V8
Surface-Mount Ceramic Multilayer Capacitors
5
15
Product specification
General Purpose
16 V to 50 V
NP0
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 2 Sizes from 0201 to 0603
CAP.
0201
0402
0603
Last 3-digit of
12NC
Last 2-digit of
12NC
25 V
50 V
16 V
25 V
50 V
16 V
25 V
50 V
0.22 pF
227
0.47 pF
477
0.82 pF
827
1.0 pF
108
1.2 pF
128
1.5 pF
158
1.8 pF
188
2.2 pF
228
2.7 pF
278
3.3 pF
338
3.9 pF
398
4.7 pF
478
5.6 pF
568
6.8 pF
688
8.2 pF
828
On request
10 pF
109
23
12 pF
129
24
15 pF
159
25
18 pF
189
26
22 pF
229
27
27 pF
279
28
33 pF
339
29
39 pF
399
31
47 pF
479
32
56 pF
569
33
68 pF
689
34
82 pF
829
35
100 pF
101
36
0.3±0.03
0.3±0.03
0.5±0.05
0.5±0.05
0.5±0.05
0.8±0.1
0.8±0.1
0.8±0.1
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request
3. 16V to 25V, refer to last 2-digit of 12NC
4. 50V, refer to last 3-digit of 12NC


Similar Part No. - CC0402FRNPO7BN330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402FRNPO7BN391 YAGEO-CC0402FRNPO7BN391 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0402FRNPO7BN330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com